Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9592 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 9592
Description  Programmable DC Voltage Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9592 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  9592 Datasheet HTML 1Page - Time Electronics Ltd. 9592 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Programming
The 9814 output is set by transmitting via
the IEEE (GPIB) bus a command that
represents the output voltage and polarity.
For example: the command -9.2142 will set
the output to -9.2142 volts. The 9814 will
automatically select the required range.
If required a particular range can be
selected by sending R1, R2, R3, R4, R5 or
R6 to select the 10mV, 100mV, 1 V, 10V,
100V or 1kV ranges respectively.
The
required output is then sent as normal. Pre-
selecting the range in this way will improve
the
output
setting
time
under
some
circumstances.
Group Execute Trigger Mode
In Group Execute Trigger mode, the
required output is stored until receipt of the
GET command.
9814
Programmable DC Voltage Calibrator
Time Electronics Limited, Botany Industrial Estate, Tonbridge, Kent, TN9 1RH.
Telephone: 01732 355993
Fax: 01732 770312
E-mail: mail@TimeElectronics.co.uk
Web page: www.TimeElectronics.co.uk
The
9814
is
a
high
performance
programmable D.C. Voltage Calibrator. By
combining the latest microprocessor and
linear circuit technology, exceptional long
term stability has been achieved. Computer
selection of the basic reference device
combined with high performance precision
resistors ensure a guaranteed 50 ppm per
year stability.
Outputs from 0 to 10V may be generated or
up to 1.2kV with the optional high voltage
board.
The high voltage board is fitted
internally and gives unit two extra ranges.
Construction is based on the standard Euro
card frame.
Each main section i.e.
Microprocessor Control, IEEE interface, D-A
Converter, Reference Amplifier etc. are
located on a separate plug in Euro boards.
All boards are easily accessible from the
instrument rear. The 9814 may be operated
in a manual mode with all controls located
on the front panel.
* 10mV to 10V D.C.
* 100V & 1kV ranges optional
* 0.01% accuracy
* 30% overrange on all ranges
* IEEE/GPIB/HPIB/IEC bus compatible
Introduction
V5 21/10/03


Similar Part No. - 9592

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
95901IRZ INTERSIL-95901IRZ Datasheet
1Mb / 24P
Wide VIN Dual Integrated Buck Regulator With 4A/4A Continuous Output Current and LDOs
logo
TE Connectivity Ltd
959025-000 TEC-959025-000 Datasheet
3Mb / 40P
Raychem Application Tooling
logo
Campbell Scientific Uni...
9591 CAMPBELL-9591 Datasheet
205Kb / 2P
12 Ahr and 24 Ahr Power Supplies
July 2011
logo
Mitutoyo America Corpor...
959149 MITUTOYO-959149 Datasheet
107Kb / 1P
SPC Connecting Cables
959150 MITUTOYO-959150 Datasheet
107Kb / 1P
SPC Connecting Cables
More results

Similar Description - 9592

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
logo
Intersil Corporation
ISL45041_0608 INTERSIL-ISL45041_0608 Datasheet
331Kb / 7P
TFT-LCD I2C Programmable VCOM Calibrator
August 29, 2006
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
Programmable VCOM Calibrator with EEPROM
March 15, 2011
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
Programmable VCOM Calibrator with EEPROM
March 15, 2011
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
278Kb / 8P
TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
Programmable VCOM Calibrator with EEPROM
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
Programmable VCOM Calibrator with EEPROM
ISL45041 RENESAS-ISL45041 Datasheet
529Kb / 8P
TFT-LCD I2C Programmable VCOM Calibrator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com