Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9818 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 9818
Description  DC Current and Voltage Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9818 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  9818 Datasheet HTML 1Page - Time Electronics Ltd. 9818 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
9818
DC Current and Voltage Calibrator
* 5 Current ranges from
100uA to 1A
* 4 Voltage ranges from
10mV to 10V
* 0.01% Accuracy
* 30% Overrange on all ranges
* IEEE/GPIB compatible
Time Electronics Limited, Botany Industrial Estate, Tonbridge, Kent, TN9 1RH
Telephone: 01732 355993
Fax: 01732 770312
E-mail: mail@TimeElectronics.co.uk
Web Site: www.TimeElectronics.co.uk
The 9818 is a high performance IEEE programma-
ble D.C. Current/Voltage Calibration source. By
combining microprocessor and linear circuit tech-
nology, exceptional long term stability has been
achieved. Computer selection of the basic refer-
ence device combined with high performance pre-
cision resistors ensure a guaranteed 50 ppm per
year stability.
Up to 10V D.C. or 1 Amp D.C. may be supplied by
the unit with a 5 ppm resolution. The deviation
control allows easy percentage deviation from the
nominal value.
Range and output value selection is by keyboard
entry and the value is clearly displayed on the 7
digit L.E.D. display.
Introduction
The modular construction is based on the standard
Euro Card frame. Each main section i.e. Microproc-
essor Control, IEEE interface, D-A Converter, Refer-
ence Amplifier etc. is located on a separate plug in
the Euro board. All boards are easily accessible
from the instrument rear.
With the ability to be operated manually and via the
IEEE bus, the 9818 is ideal for ATE systems or for
D.C. signal generation.
V3 09/09/03


Similar Part No. - 9818

ManufacturerPart #DatasheetDescription
logo
FCI connector
98181-XYYH FCI-CONNECTOR-98181-XYYH Datasheet
664Kb / 8P
BERGSTIK II HEADER D/R 100/2.52cc STRAIGHT
logo
General Cable Technolog...
98187 GENERAL-98187 Datasheet
110Kb / 2P
Carolprene짰 Jacketed Type SJOOW
logo
3M Electronics
9818B 3M-9818B Datasheet
55Kb / 2P
3MTM Flexfoam Closures/Clips
Aug-2013
9818D 3M-9818D Datasheet
55Kb / 2P
3MTM Flexfoam Closures/Clips
Aug-2013
9818G 3M-9818G Datasheet
55Kb / 2P
3MTM Flexfoam Closures/Clips
Aug-2013
More results

Similar Description - 9818

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
LCD Module Calibrator
November 14, 2006
logo
Texas Instruments
BUF22821 TI-BUF22821 Datasheet
751Kb / 25P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
EPCOS
BUF16821 EPCOS-BUF16821 Datasheet
826Kb / 29P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Texas Instruments
BUF16821 TI-BUF16821_1 Datasheet
813Kb / 30P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
412400 EXTECH-412400 Datasheet
133Kb / 8P
Multifunction Process Calibrator
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
Infrared Calibrator
logo
Agilent(Hewlett-Packard...
5530 HP-5530 Datasheet
1Mb / 14P
Dynamic Calibrator
logo
ZIEHL industrie-elektro...
MU2000K ZIEHL-MU2000K Datasheet
329Kb / 1P
Universal-Measuring-Transducer MU2000K AC and DC, Voltage and Current
logo
TEKTRONIX, INC.
6220 TEKTRONIX-6220 Datasheet
461Kb / 5P
DC Current Source AC and DC Current Source
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com