Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9122 Datasheet(PDF) 2 Page - Time Electronics Ltd.

Part # 9122
Description  Programmable DC Voltage Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9122 Datasheet(HTML) 2 Page - Time Electronics Ltd.

  9122 Datasheet HTML 1Page - Time Electronics Ltd. 9122 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Interface
Type:
IEEE 488 (GPIB)
Connection:
24 pin connector as prescribed in the IEEE 488- 1975 standard
Addressing:
Rear panel switch selects between device no. 0-31
Isolation:
All outputs electrically isolated from IEEE bus. (UP to 350V A.C.)
Output Connection
Front panel output 3 x 4 mm terminals (black, red and green). Rear panel 2 x 4 mm terminals (red and black).
Output Polarity
True Bipolar output is provided, i.e., the 'Lo' output terminal can remain at earth for all output values and
polarities. This eliminates common mode errors or the need to reverse input connections when changing polarity.
Overload
if the instrument fails to give the correct output due to internal fault conditions, or output-overloads, the
microprocessor resets the output to zero within 10ms and an 'OUTPUT ERROR' message is displayed.
Setting Time
Less than 1 ms between 0 and full scale. Less than 50ms with range change.
Power:
110V/220V/240V AC 50/60 Hz. Power 50 watts.
Dimensions:
245 x 437 x 133 mm
Weight:
5 kg
Optional Extras:
100V/1kV extender board, internally fitted to 9814 extends the output up to 1.2kV
in 2 ranges (with a 0.05% accuracy) can be supplied as an optional extra.
Calibration certificates. Bench Case.
Description
Order Code
DC Voltage Calibrator
9814
100V/1 kV Extender Board Option
9592
N.P.L. Traceable Calibration Certificate
9163
UKAS Calibration Certificate
9122
Free Standing Bench Case
9047
Note: 100V & 1kV ranges are optional
10mV
100mV
1V
10v
100V
1kV
12mV
120mV
1.2mV
12V
120V
1.2kV
0.02%
0.02%
0.01%
0.01%
0.05%
0.05%
0.002%
0.005%
0.001%
0.001%
0.01%
0.01%
20
20
20
20
15
20
<4
<4
<4
<4
<6
<6
<20
<20
<10
<10
<15
<20
50nV
500nV
5uV
50uV
500uV
5mV
10
10
<0.01
<0.01
10
10
S/C
S/C
200mA
200mA
10mA
10mA
<0.2uV
<1uV
<5uV
<50uV
<5mV
<50mV
RANGE
MAX O/P
ACCURACY
STABILITY – ppm
Resol.
O/P
Resistance
Ohms
Max.
Current
O/P
SETTING
RANGE
TC/oC
Per Hr
Per Day
Noise
Ordering Information
General Information
Specifications



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com