Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9047 Datasheet(PDF) 2 Page - Time Electronics Ltd.

Part # 9047
Description  DC Current and Voltage Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9047 Datasheet(HTML) 2 Page - Time Electronics Ltd.

  9047 Datasheet HTML 1Page - Time Electronics Ltd. 9047 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
INTERFACE
Type:
IEEE 488
Connections:
24 pin connector as prescribed in the 488– 1975 standard
Addressing:
rear panel switch. Device No. 0-31
Isolation:
All outputs electrically isolated from IEEE bus (Up to 350V A.C.)
Overload:
If the instrument fails to give the correct output due to internal fault conditions,
or output overloads, the mircroprocessor resets the output to zero within 10ms
and an ‘OUTPUT ERROR’ message is displayed.
Output Polarity: The true Bipolar output can provide positive or negative polarity.
Local Controls &
Displays:
LED indicators: indicate operation mode. 7 digit LED displays output and
polarity. Push buttons select and indicate range and output polarity.
Setting Time:
Less than 1ms between 0 and full scale. Less than 50ms with range change.
Output
Connections:
Front panels – 4mm ‘Banana’ low thermal E.M.F.
RANGE
MAX
O/P
ACCURACY
STABILITY-ppm
RESOLU-
TION
O/P RES
OHMS
MAX
CURENT/
VOLTAGE
Setting
Range
Zero
TC/o C /Hr
/Day
10V
13V
±0.01% ±0.001%
5uV
20
<4
<10
50uV
<0.01
100mA
4
1V
1.3V
±0.01% ±0.001%
3uV
20
<4
<10
5uV
<0.01
100mA
4
100mV 130mV ±0.02% ±0.005%
2uV
20
<4
<20
500nV
10
S/C
4
10mV
13mV ±0.02% ±0.005%
2uV
20
<4
<20
50nV
10
S/C
4
1A
1.3A
±0.05% ±0.01%
10nA
50
<20
<50
5uA
-
12V
15
100mA 130mA ±0.02% ±0.005%
2nA
50
<8
<10
500nA
-
12V
8
10mA
13mA ±0.02% ±0.005%
2nA
50
<8
<10
50nA
-
12V
8
1mA
1.3mA ±0.02% ±0.008%
2nA
50
<8
<20
5nA
-
12V
8
100uA 130uA ±0.02% ±0.008%
2nA
50
<8
<20
0.5nA
-
12V
8
NOISE
ppm of
F.S.
General Information
Power:
110V/120V/220V/240V AC. 50/60 Hz – Switch selected. Consumption 30 watts.
Dimensions:
480 x 240 x 130 mm Rack Mount Version
494 x 374 x 154 mm Bench Version
Weight:
5.5 kg Rack Mount Version 10 kg Bench Version
Optional Extras:
Free standing case
Ordering Information
Description
Order Code
DC Current and Voltage Calibrator
9818
N.P.L. Traceable Calibration Certificate
9163
UKAS Calibration Certificate
9123
Free Standing Case
9047



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com