Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9841 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 9841
Description  9840 Series Power Calibrators (Single and 3 Phase)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9841 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  9841 Datasheet HTML 1Page - Time Electronics Ltd. 9841 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
9840 Series Power Calibrators (Single and 3 Phase)
Time Electronics
Calibration, Test & Measurement
4 voltage ranges: 57 - 110 - 220 - 500V
4 current ranges: 1 - 5 - 20 - 100A
Frequency: 45 - 70Hz
Phase angle: -90/0/+90°
(0.1° resolution)
Total harmonic distortion:
Pre-settable from 1% to 15%
The 9840 series calibrators are used for adjusting, checking and verification of measuring instruments used in
power engineering. These include active and reactive power meters, phase meters, frequency meters,
ammeters, voltmeters, transducers, monitoring systems, and frequency, voltage and current relays.
It is constructed in a standard 19” rack-mount size case. Voltage and current output signals are set by multi-
turn potentiometers and are simultaneously indicated on 4.5 digit LED displays. Frequency and phase angle
are also set by multi-turn potentiometers and are displayed on 4 digit LED indicators.
Instruments to be calibrated can safely be connected to the outputs without changing the set values since the
calibrator can be switched to ‘standby’ mode to isolate the output terminals.
Sinusoidal signals are generated on both voltage and current outputs. If required, between 1% and 15%
harmonic distortion can be added to the signals.
Three Phase Calibrator Set
Calibrator 9840 can work in a three phase set (order code 9845). It consists of one calibrator in basic
configuration (phase L1) and two calibrators in special configuration (phase L2 and phase L3). Calibrator phase
L1 controls phase L2 and L3 by means of analogue and digital signals. All connections are on the rear panels.
The calibrator set is able to generate a symmetrical three phase vector, programmed from control calibrator
phase L1. The phase angles between the 3 phases are shown on the displays.
Time Electronics, Botany Industrial Est. Tonbridge, Kent. England. TN9 1RH.
Tel: +44 (0)1732 355993 Fax: +44 (0)1732 770312 E-mail: mail@timeelectronics.co.uk
www.timeelectronics.com
Shift angle between voltage signals
120° ±1° *
Maximum amplitude difference in each phase from
average value (voltage)
±1% of value
Maximum amplitude difference in each phase from
average value (current)
±1% of value
Maximum difference in phase angle between voltage
and current
±1° *
* for settings greater than 10% on voltage and current range
V1a 01/01/07


Similar Part No. - 9841

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9841 ETC1-9841 Datasheet
39Kb / 3P
Low Capacitance EIA RS-485
9841 ETC2-9841 Datasheet
30Kb / 3P
24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs, overall Beldfoil
logo
Belden Inc.
9841 BELDEN-9841 Datasheet
251Kb / 3P
MINIATURE CIRCUIT BREAKER 120/240V 90A
logo
List of Unclassifed Man...
9841-060100 ETC1-9841-060100 Datasheet
39Kb / 3P
Low Capacitance EIA RS-485
9841-0601000 ETC1-9841-0601000 Datasheet
39Kb / 3P
Low Capacitance EIA RS-485
More results

Similar Description - 9841

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
407744 EXTECH-407744 Datasheet
173Kb / 4P
Sound Level Calibrators
logo
PREMO CORPORATION S.L
P-1240-016 PREMO-P-1240-016 Datasheet
130Kb / 1P
Single Phase & 3-Phase Blocking Filters
logo
STMicroelectronics
STEVAL-ISA012V1 STMICROELECTRONICS-STEVAL-ISA012V1 Datasheet
92Kb / 4P
3 phase power supply with VIPer and Power MOSFETs
28-Nov-2007
logo
Ralston Instruments.
QTHA-HCBL-45 RALSTON-QTHA-HCBL-45 Datasheet
645Kb / 1P
Connect to pressure gauges, pressure calibrators and adapters easily and quickly
logo
Extech Instruments Corp...
PQ3470 EXTECH-PQ3470 Datasheet
468Kb / 1P
3-Phase Graphical Power and Harmonics Analyzer
412300A EXTECH-412300A Datasheet
165Kb / 1P
Current & Voltage Calibrators/Meters
412355A EXTECH-412355A_15 Datasheet
165Kb / 1P
Current & Voltage Calibrators/Meters
407766 EXTECH-407766_15 Datasheet
193Kb / 1P
Sound Level Calibrators
PQ3470 EXTECH-PQ3470_15 Datasheet
468Kb / 1P
3-Phase Graphical Power and Harmonics Analyzer
logo
Tyco Electronics
P31 MACOM-P31 Datasheet
359Kb / 2P
3 phase and single phase switching
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com