Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9845 Datasheet(PDF) 2 Page - Time Electronics Ltd.

Part # 9845
Description  9840 Series Power Calibrators (Single and 3 Phase)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9845 Datasheet(HTML) 2 Page - Time Electronics Ltd.

  9845 Datasheet HTML 1Page - Time Electronics Ltd. 9845 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
9840 Series Technical Specifications
Parameter
Range
Settings Span
Resolution
Accuracy
Maximum Load
Voltage
57V
0.5 - 60V
0.01V
250mA@60V
110V
1.00 - 125V
0.01V
±0.05% of set value
±3 digits
140mA@130V
220V
2.0 - 250V
0.1V
70mA@250V
500V
3.0 - 500V
0,1V
40mA@420V
Current
1A
0.01 - 1.3A
0.0001A
12V@1.2A
5A
0.05 - 6A
0.001A
±0.05% of set value
±3 digits
3V@6A
20A
0.2 - 20A
0.001A
1V@20A
100A (9841)
1 - 100A
0.01A
0.7/0.3V@50/100A
Frequency
45 - 70Hz
0.01Hz
±0.02Hz
Phase
0.0 - +/-90.0°
0.1°
±0.5° *
Total Harmonic Distortion (adjustable 1 - 15%)
0.5% of set value
Dimensions (width x height x depth )
478 x 194 x 342 mm / 14Kg
Power Supply
230V±10% / 50Hz 200VA, 110V option
* for settings greater than 10% of voltage and current range
Parameter
Operating conditions
Ambient temperature
+5...+40°C
Atmospheric pressure
70...106kPa
Relative humidity
20…80% non-condensing
Power supply voltage
230V ±10% 50Hz +/-5Hz. 110V 60Hz optional
Power supply freq
45…65Hz
Power supply w/form
Sine, distortion factor <0.05
Warm up time
30 min
Parameter
Requirement
Safety
Class 1 according to EN61010
Insulation (50Hz) power supply pins – case
1.5kV
Voltage and current output terminals – case
2kV
Voltage output terminals – current output terminals
2kV
Control D-sub connection – case
500V
Degrees of protection electrical equipment
IP20 according to IEC529
Climatic conditions
Group I according to IEC359
Power consumption
200VA max
Dimensions (with/height/depth), Weight
478/194/342mm, 14kg
Ordering Information
Code
Description
9840
Standard single phase source with current range up to 20A
9841
Single phase source with additional 100A current range
9845
Three phase symmetrical source with current range up to 20A
9846
Three phase symmetrical source with additional 100A current range
9847
Three phase asymmetrical source with current range up to 20A
9848
Three phase asymmetrical source with additional 100A current range
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.
Time Electronics, Botany Industrial Est. Tonbridge, Kent. England. TN9 1RH.
Tel: +44 (0)1732 355993 Fax: +44 (0)1732 770312 E-mail: mail@timeelectronics.co.uk
www.timeelectronics.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com