Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1266B Datasheet(PDF) 12 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1266B
Description  Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1266B Datasheet(HTML) 12 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1266B Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO1266B Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
DIO1266B
Version 1.2, Aug 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
9
9. Application Information
Important notice: Validation and testing are the most reliable ways to confirm system functionality. The
application information is not part of the specification and is for reference purposes only.
9.1. Overvoltage lockout (OVLO) calculation
OVLO can be set externally and override default OVP. By connecting an external resistor-driver to the
OVLO pin. Equation (1) can produce the desired trip voltage and resistor values.
)
/R
R
+
(1
×
V
=
V
2
1
OVLO_TH
IN_OVLO
(1)
Recommended minimum R1 = 820 kΩ.
9.2. On-The-Go (OTG) functionality
During OTG operation, the DIO1266B is initially disabled and the power FET’s bulk diode is forward biased.
The bulk diode represents ~0.7 V drop across the device, which remains until the VIN voltage increases past
2.5 V, when the device is fully enabled. While the device is disabled and the body diode is forward biased,
the max DC current through the diode is 1.8 A. This current is limited by the thermal performance of the
device (0.7 V x 1.8 A = 1.36 W). The #EN pin must be pulled LOW to ensure the device fully enables and
the transient should not exceed the RC time constant of the CIN and COUT capacitors. At the system level,
overvoltage and current protection should be provided outside the DIO1266B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com