Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1268LP10 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1268LP10
Description  Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1268LP10 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1268LP10 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1268LP10 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1268LP10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1268LP10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1268LP10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1268LP10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1268LP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1268LP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1268LP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DIO1268
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO1268• Rev. 1.5
Electrical Characteristics
All typical value are at VCC = 4.2 V, GND = 0 V, VIH = 1.6 V, VIL = 0.5 V, TA = 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
VCC (V)
Temp.
Min Typ Max Unit
Analog switch
RON
On-resistance
VNO, VNC, or VCOM = 1 V,
ICOM = -100 mA
4.2
25°C
0.75
0.85
Ω
ΔRON
On-resistance match
between channels
VNO, VNC or VCOM = 1 V,
ICOM = -100 mA
4.2
25°C
0.03
0.15
Ω
RFLAT(ON)
On-resistance flatness
VNO, VNC or VCOM = 1 V, 2.5 V
ICOM = -100 mA
4.2
25°C
0.15
0.23
Ω
INC(OFF),
INO(OFF)
Source OFF leakage
current
VNO, VNC = 3.3 V, 0.3 V
VCOM = 0.3 V /3.3 V
4.2
25°C
500
nA
INC(ON),
INO(ON)
ICOM(ON)
Channel ON leakage
current
VNO, VNC = 3.3 V, 0.3 V or
floating VCOM = 0.3 V /3.3 V
4.2
25°C
500
nA
Digital inputs
VINH
Input high voltage
4.2
25°C
1.6
V
VINL
Input low voltage
4.2
25°C
0.5
V
IIN
Input leakage current
VCC = 4.2 V, VIN = 0 V,
or 4.2 V
4.2
25°C
1
μA
Dynamic
tON
Turn-on time
VIN = 2.1 V to 0 V, RL = 50 Ω,
CL = 35 pF, VNO1 or VNO2 or
VNC2 = 2.1 V
4.2
25°C
25
ns
tOFF
Turn-off time
VIN = 2.1 V to 0 V, RL = 50 Ω,
CL = 35 pF, VNO1 or VNO2 or
VNC2 = 2.1 V
4.2
25°C
35
ns
tD
Break-before-make
time delay
VIN = 2.1 V to 0 V, RL = 50 Ω,
CL = 35 pF, VNO1 or VNO2 or
VNC2 = 2.1 V
4.2
25°C
45
ns
OISO
Off isolation
VBIAS = 2.1 V,
Signal = 0 dBm
100 kHz
4.2
25°C
-78
dB
1 MHz
-58
XTALK
Channel-to-channel
crosstalk
VBIAS = 2.1 V,
Signal = 0 dBm
100 kHz
4.2
25°C
-100
dB
1 MHz
-75
BW
-3dB bandwidth
VBIAS = 2.1 V, Signal = 0 dBm
4.2
25°C
75
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com