Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1280C Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1280C
Description  Load Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1280C Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1280C Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1280C Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1280C Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1280C Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1280C Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1280C Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1280C Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1280C Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1280C Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DIO1280C
www.dioo.com
© 2019 DIOO MICROCIRCUITS CO., LTD
DIO1280C• 2.4
Electrical Characteristics
TA=-40
℃ to 85℃, unless otherwise specified. Typical values are V
IN=5.0V, IIN≤3A, CIN=0.1µF and TA=25
℃.
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
VIN_CLAMP
Input Clamping Voltage
IIN=10mA
35
V
IQ
Input Quiescent Current
VIN=5V, #EN=0V
80
110
µ
A
VOVLO
Internal Over-Voltage Trip Level
VIN Rising
5.7
5.85
6.0
V
VOVLOH
Internal Over-Voltage Trip Level
Hysteresis
50
100
150
mV
VUVLO
Under Voltage Trip Level
VIN Rising
2.25
2.4
V
VIN Falling
1.95
2.1
V
RON
Resistance from VIN to VOUT
VIN=5V, IOUT=1A, TA=25
℃
30
mΩ
COUT
OUT Load Capacitance
VIN=5V
1000
µF
TSDN
Thermal Shutdown
130
℃
TSDN_HYS
Thermal Shutdown Hysteresis
20
℃
Digital Signals
VOL
#ACOK Output Low Voltage
ISINK=1mA
0.4
V
VIH_#EN
Enable HIGH Voltage
VIN=2.5V to VOVLO
1.2
V
VIL_#EN
Enable LOW Voltage
VIN=2.5V to VOVLO
0.5
V
IACOK_LEAK
#ACOK Leakage Current
VACOK=3V, #ACOK Deasserted
-0.5
0.5
µ
A
#EN_Leak
#EN Leakage Current
VIN=5.0V, VOUT=Float
-1.0
1.0
µ
A
Timing Characteristics
tDEB
Debounce Time
Time from 2.5V<VIN<VOVLO to
VOUT=0.1 x VIN
15
ms
tSTART
Soft-Start Time
Time from VIN=VIN_min to 0.2 x
#ACOK, VIO=1.8V with 10kΩ
Pull-up Resistor
30
ms
tON
Switch Turn-On Time
RL=100Ω, CL=22µF, VOUT from
0.1 x VIN to 0.9 x VIN
2
ms
tOFF
Switch Turn-Off Time
RL=100Ω, CL=0µF, VIN>VOVLO
to VOUT=0.8 x VIN
125
ns
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com