Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1286 Datasheet(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1286
Description  Load Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1286 Datasheet(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1286 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1286 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1286 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1286 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1286 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1286 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1286 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1286 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1286 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DIO1286
www.dioo.com
© 2020 DIOO MICROCIRCUITS CO., LTD
DIO1286• 1.0
Ordering Information
Order Part
Number
Top Marking
TA
Package
DIO1286WL12
HG86
Green
-40 to 85°C
WLCSP-12
0.4mm pitch
Tape & Reel, 3000
Pin Configuration
WLCSP-12
Figure 2
Pin Assignment (Top View)
Pin Definitions
Name
Bump
Type
Description
IN
B3,C2,C3
Input/Supply
Switch Input and Device Supply
OUT
A2,A3,B2
Output
Switch Output to Load
#ACOK
B1
Output
Power Good
1
VIN<VIN_min or VIN≥VOVLO
0
Voltage Stable
#EN
A1
Input
Device Enable, Low is enable.
OVLO
C1
Input
Over-Voltage Lockout Adjustment Pin
GND
A4,B4,C4
Supply
Device Ground



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com