Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLP302 Datasheet(PDF) 1 Page - Mobile Mark, Inc.

Part # LLP302
Description  MULTIBAND SURFACE MOUNT ANTENNA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOBILEMARK [Mobile Mark, Inc.]
Direct Link  https://www.mobilemark.com/
Logo MOBILEMARK - Mobile Mark, Inc.

LLP302 Datasheet(HTML) 1 Page - Mobile Mark, Inc.

  LLP302 Datasheet HTML 1Page - Mobile Mark, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
„
Subject to Change Without Notice Rev 3a RA-10/2023 © 2023 Mobile Mark, Inc.
US Headquarters +1.847.671.6690 • US/CA Toll Free +1.800.648.2800
European Facility +44.1543.459555 •
www.MobileMark.com
Moving Wireless Forward®
PRODUCT OVERVIEW
The 3-cable LLPG302 antennas include two 4G LTE antennas and one GNSS antenna. This
provides MIMO (multiple-input-multiple-output) coverage for Cellular. The GNSS element
operates on GPS, Galileo, Glonass, QZSS, or Beidou at 1561, 1575, & 1602 MHz.
This 4G LTE antenna covers: 694-960 & 1710-3700 MHz. In the US, this includes the CBRS
(Citizens Broadband Radio Service) at 3.55-3.7 GHz. If you are looking for a low-profile 4G
Ready antenna, this is the solution you’ve been looking for!
The LLPG302 takes up less space than multiple antennas and is effective in applications
where tall vehicles have specific height restrictions. Otherwise, it is used in Fixed Site
Applications where vandalism is a risk.
Visit our eStore to purchase an Antenna Online.
MULTIBAND SURFACE MOUNT ANTENNA
LLPG3 02- 3C3C 2C -B LK- 18 0
4G LTE
GNSS
Color
Cable Length (in inches)
HIGHLIGHTS:
•
Multiband: 2x 4G LTE, 1x GNSS
•
Covers CBRS at 3.55-3.7 GHz
•
Low Profile
•
Made-in-the-USA & UK
RELATED MODELS:
•
LLP302 (GPS Model)
•
LTMG302 (Same Freq, LTM Model)
•
LLPG308 (5G/LTE Coverage)
•
LTMWG940 (4x 5G/LTE, 1x GNSS)
•
MXFG302 (Same Freq, MaxFin Model)
COMMON APPLICATIONS:
•
Advanced Multiband Modems
•
Tall Vehicles with Height Restrictions
•
Fixed Site with Vandalism Risks
Electrical Specifications
Frequency & Gain
4G LTE
Cables 1 - 2
694 - 700 MHz, -1 dBi
700 - 730 MHz, 1 dBi
730 - 800 MHz, 2 dBi
800 - 960 MHz, 3 dBi
1710 - 3700 MHz, 4 dBi
GNSS
Cable 3
1561, 1575, & 1602 MHz,
LNA 26 dB, 5 dBi (RHCP)
VSWR < 2.5:1 VSWR LTE (694 - 960 MHz)
<2:1 VSWR LTE (1710 - 3700 MHz)
Impedance 50 Ohm Nominal
Power Rating 10 Watts
GNSS
Amplifier Bias
Voltage 2.7 to 5 VDC
Gain 26 dB, 5 dBi
Current 20 mA max, 10 mA typical
Mechanical Specifications
Radome Material & Color ASA UV-Inhibitive Plastic,
Available in Black or White
Radome Dimension 9.00” (228 mm) x 3.50” (89 mm) x
1.25” (31.8 mm) in Height
Standard Connectors SMA Plugs (Male)
Cables
15 Feet (4.5 m) Cables:
LL-195 for LTE/5G & WiFi,
RG-174 for GNSS, Other Lengths Available
Operating Temperature -40° to +80° C
Mounting Thru Hole, Ground Plane Dependent
Shock & Vibration IEEE-1478, EN 61373, MIL-810G, TIA 329.2-C
Dust & Water Ingress IP69K (Stud Mount, When Properly Mounted)
RoHS Compliant Yes
LLPG302


Similar Part No. - LLP302

ManufacturerPart #DatasheetDescription
logo
Mobile Mark, Inc.
LLP304 MOBILEMARK-LLP304 Datasheet
263Kb / 1P
PUBLIC SAFETY SURFACE MOUNT ANTENNA
10/2023
LLP308 MOBILEMARK-LLP308 Datasheet
217Kb / 1P
5G MULTIBAND SURFACE MOUNT ANTENNA
09/2024
More results

Similar Description - LLP302

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACA-105-T ABRACON-ACA-105-T Datasheet
1Mb / 5P
Surface Mount Multiband Chip Antenna 490 / 783 / 868 & 915MHz
10.06.14
ACA-108-T ABRACON-ACA-108-T Datasheet
1Mb / 4P
Multiband Chip Antenna
10.07.14
logo
Laird Tech Smart Techno...
FHQ69273CD LSTD-FHQ69273CD Datasheet
311Kb / 2P
Phantom Fin Multiband Roof Mount Antenna
logo
Raltron Electronics Cor...
RPA-MB-P-56-IPEX-30-G RALTRON-RPA-MB-P-56-IPEX-30-G Datasheet
138Kb / 2P
MULTIBAND ANTENNA
RST-MB-P-157-SMA-G RALTRON-RST-MB-P-157-SMA-G Datasheet
174Kb / 2P
MULTIBAND ANTENNA
RST-MB-P-153-SMA-G RALTRON-RST-MB-P-153-SMA-G Datasheet
214Kb / 3P
MULTIBAND ANTENNA
logo
Pulse A Technitrol Comp...
ARMXXXXXAM PULSE-ARMXXXXXAM Datasheet
4Mb / 25P
Vehicular Multiband Antenna with Adhesive Mount
ARMXXXXXDM PULSE-ARMXXXXXDM Datasheet
4Mb / 26P
Vehicular Multiband Antenna with Direct Mount
ARMXXXXXMM PULSE-ARMXXXXXMM Datasheet
3Mb / 25P
: Vehicular Multiband Antenna with Magnetic Mount
logo
Raltron Electronics Cor...
RDM-GPGLBD-A-110-N-W-G RALTRON-RDM-GPGLBD-A-110-N-W-G Datasheet
285Kb / 5P
MULTIBAND ANTENNA
Rev B
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com