Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO20222MP8 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO20222MP8
Description  CMOS Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO20222MP8 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO20222MP8 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO20222MP8 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO20222MP8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO20222MP8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO20222MP8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO20222MP8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO20222MP8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO20222MP8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO20222MP8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DIO2022x
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO2022x• Rev. 1.3
2
2. Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other condition beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maxim rating
conditions for extended periods may affect device reliability. DIOO does not recommend exceeding them or
designing to Absolute Maximum Ratings.
Parameter
Rating
Unit
Supply voltage
7.5
V
Input voltage
(V-)-0.5 to (V+)+0.5
V
Storage temperature range
-65 to 150
°C
Junction temperature
150
°C
Lead temperature range
260
°C
ESD
HBM, JEDEC: JESD22-A114
±8
kV
CDM, JEDEC: JESD22-C101
±2
3. Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation to ensure
optimal performance to the datasheet specifications.
Parameter
Rating
Unit
Supply voltage
2.5 to 5.5
V
Input voltage
0 to 5
V
Operating temperature range
-40 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com