Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO20322MP8 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO20322MP8
Description  Operational Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO20322MP8 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO20322MP8 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO20322MP8 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO20322MP8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO20322MP8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO20322MP8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO20322MP8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO20322MP8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO20322MP8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO20322MP8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DIO2032X
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO2032X• Rev. 1.4
2
Pin Description
Pin Name
Description
+Vs
Positive supply
-Vs
Negative supply
+IN (+INA/+INB/+INC/+IND/+INE/+INF)
Positive input (channel A/B/C/D/E/F)
-IN (-INA/-INB/-INC/-IND/-INE/-INF)
Negative input (channel A/B/C/D/E/F)
OUT (OUTA/OUTB/OUTC/OUTD/OUTE/OUTF)
Output (channel A/B/C/D/E/F)
NC
Not connect
Thermal pad (EP)
Not internally connect to GND. Recommend to connect to a large ground
plane for improved thermal performance
Thermal pad (GND)
Connect to GND. Recommend to connect to a large ground plane for
improved thermal performance
2. Absolute Maximum Ratings
Stresses beyond those listed under the Absolute Maximum Rating table may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Symbol
Parameter
Rating
Unit
VCC
Supply voltage
7.5
V
VIN
Input voltage
(V-) -0.5 to (V+) +0.5
V
TSTG
Storage temperature range
-65 to 150
°C
TJ
Maximum junction temperature
150
°C
TL
Maximum lead temperature
260
°C
HBM
JEDEC: JESD22-A114
±8
kV
CDM
JEDEC: JESD22-C101
±2
3. Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications. DIOO does not recommend exceeding these
conditions nor designing to Absolute Maximum Ratings.
Symbol
Parameter
Rating
Unit
VCC
Supply voltage
2.5 to 5.5
V
VIN
Input voltage
0 to 5
V
TA
Operating temperature range
-40 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com