Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2213 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2213
Description  Current Shunt Monitor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2213 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO2213 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO2213 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO2213 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2213 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2213 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2213 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2213 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2213 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2213 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DIO2213
Version 1.0,Jan 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
I
Voltage Output, High or Low-Side Measurement,
Bi-Directional Zero-Drift Series Current Shunt Monitor
Features
Supply voltage: 3 V to 40 V
Common-mode voltage: -0.1 V to 75 V
Low quiescent current: 450 μA (typ)
High accuracy:
−
Low offset voltage of ±0.1 mV (max)
−
±0.8% max total output error
Gain: 50 V/V
High slew rate: 3 V/µs
-3 dB bandwidth: 100 kHz
Operating temperature: -40°C to 125°C
Applications
Electric power steering (EPS) systems
Body control modules
Brake systems
Electronic stability control (ESC) systems
Package Information
Part Number
Package
Body Size
DIO2213
DFN-6
2 mm × 2 mm
SOIC-8
4.9 mm × 3.9 mm
Description
The DIO2213 is a high-side current-sense amplifier
with voltage output and can sense drops across
shunts at common-mode voltage from -0.1 V to 75 V.
The gain is 50 V/V, with the according bandwidths of
100 kHz.
The DIO2213 has a maximum offset voltage of only
±0.1 mV. The DIO2213 total output error is as low as
0.8% over temperature, which greatly improves the
accuracy and simplifies the design of system.
The DIO2213 operates from single 3 V to 40 V supply
under -40°C to 125°C, with a maximum supply
current of 620 μA.
Simplified Schematic


Similar Part No. - DIO2213

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO2210CS8 DIOO-DIO2210CS8 Datasheet
2Mb / 16P
Comparator and Reference
Feb 2024
DIO2210MP8 DIOO-DIO2210MP8 Datasheet
2Mb / 16P
Comparator and Reference
Feb 2024
DIO2211CS8 DIOO-DIO2211CS8 Datasheet
2Mb / 16P
Comparator and Reference
Feb 2024
DIO2211MP8 DIOO-DIO2211MP8 Datasheet
2Mb / 16P
Comparator and Reference
Feb 2024
DIO2212CS8 DIOO-DIO2212CS8 Datasheet
2Mb / 16P
Comparator and Reference
Feb 2024
More results

Similar Description - DIO2213

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA193 BURR-BROWN-INA193 Datasheet
226Kb / 15P
CURRENT SHUNT MONITOR
logo
Analog Devices
AD8212 AD-AD8212 Datasheet
178Kb / 8P
High Voltage Current Shunt Monitor
AD8215 AD-AD8215_11 Datasheet
234Kb / 16P
High Voltage, Current Shunt Monitor
REV. A
AD8212WYRMZ AD-AD8212WYRMZ Datasheet
335Kb / 16P
High Voltage Current Shunt Monitor
REV. B
logo
Texas Instruments
INA199 TI1-INA199 Datasheet
1Mb / 34P
Voltage Output Current Shunt Monitor
INA282-Q1 TI1-INA282-Q1_15 Datasheet
1Mb / 34P
Current Shunt Monitor
INA301 TI1-INA301 Datasheet
153Kb / 7P
Current-Shunt Monitor Overcurrent Comparator
INA199-Q1 TI1-INA199-Q1 Datasheet
1Mb / 27P
Current-Shunt Monitor
logo
Analog Devices
AD8212 AD-AD8212_17 Datasheet
371Kb / 13P
High Voltage Current Shunt Monitor
5/2017-Rev. B to Rev. C
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
High Voltage, Current Shunt Monitor
12/2016-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com