Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2186BST5 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2186BST5
Description  Current Sense Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2186BST5 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2186BST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2186BST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2186BST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2186BST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2186BST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2186BST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2186BST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO2186BST5 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO2186BST5 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
DIO2186
Version 1.0, Apr 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
3
5. Electrical Characteristics
TA = 25°C, VSENSE = VIN+ – VIN–, VS = 2.5 V to 6 V, VIN+ = 12 V, and VREF = VS / 2, unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Input
CMRR
Common-mode
rejection ratio
VSENSE = 0 mV, VIN+ = -2 V to 40 V
150
dB
VOS
Offset voltage, RTI (1)
VS = 5 V, VSENSE = 0 mV
±3
±50
µV
dVos/dT
Offset voltage, RTI (1)
VS = 5 V, VSENSE = 0 mV
0.01
0.5
µV/℃
PSRR
Power-supply
rejection ratio, RTI (1)
VSENSE = 0 mV, VS = 2.5 V to 6 V
±1
µV/V
IB
Input bias current
VSENSE = 0 mV
1
nA
IOS
Input offset current
VSENSE = 0 mV
±1
nA
Output
G
Gain
DIO2186A
25
V/V
DIO2186B
50
DIO2186C
100
DIO2186D
200
DIO2186E
500
Gain error
VOUT = 0.1 V to VS – 0.1 V
±0.03
±1
%
Gain error drift
TA=-40℃ to +125℃
2
10
ppm/℃
Nonlinearity error (2)
VOUT = 0.1 V to VS – 0.1 V
±0.01
%
RVRR
Reference
voltage
rejection ratio, RTI (1)
VREF = 100 mV to VS - 100 mV
±1
µV/V
Maximum capacitive
load
No sustained oscillation
1
nF
Voltage output
VSP
Swing to VS
power-supply rail
RL = 10 kΩ to GND
VS – 20
VS – 40
mV
VSN
Swing to GND
RL = 10 kΩ to GND,
VREF = 0 V, VSENSE = -10 mV
VGND +
0.05
VGND +
1
mV
VZL
Zero current output
voltage
RL = 10 kΩ to GND,
VREF = 0 V, VSENSE = 0 mV
VGND +
2
VGND +
10
mV
Frequency response
BW
Bandwidth
DIO2186A
CLOAD = 10 pF
60
kHz
DIO2186B
CLOAD = 10 pF
45
kHz
DIO2186D
CLOAD = 10 pF
45
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com