Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2186CST5 Datasheet(PDF) 16 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2186CST5
Description  Current Sense Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2186CST5 Datasheet(HTML) 16 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2186CST5 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO2186CST5 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO2186CST5 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO2186CST5 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO2186CST5 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO2186CST5 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO2186CST5 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO2186CST5 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO2186CST5 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
DIO2186
Version 1.0, Apr 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
12
9. Application Information
Important notice: Validation and testing are the most reliable ways to confirm system functionality. The
application information is not part of the specification and is for reference purposes only.
The DIO2186 amplifies the voltage developed across a current-sensing resistor as current flows through
the resistor to the load or ground. The high common-mode rejection of the DIO2186 makes it usable over a
wide range of voltage rails while still maintaining an accurate current measurement.
9.1. Basic connections
The device should be positioned in close proximity to the current sense resistor, with the input pins (IN+ and
IN-) connected to the current sense resistor using Kelvin connections.
To minimize ground offset errors between the device and the analog-to-digital converter (ADC), the REF
pin should be connected to the ADC reference input. When interfacing with SAR ADCs, it is recommended
to filter or buffer the DIO2186 output before directly connecting it to the ADC.
Figure 12. Basic connections
9.2. RShunt and device gain selection
The accuracy of a current-sense amplifier is optimized by selecting the current-sense resistor with the
largest possible value. Increasing the sense resistor increases the differential input signal for a given
current, thereby minimizing the impact of offset voltage errors. Nevertheless, there are still practical
constraints, for example, the resistor physical size and maximum allowable power dissipation will limit the
maximum resistor value in some specific applications. The maximum current-sense resistor value based on
the power dissipation budget can be defined by the equation:
2
MAX
MAX
Shunt
I
PD
R
(2)
Where:
PDMAX is the maximum allowable power dissipation in RShunt.
IMAX is the maximum current that will flow through RShunt.
Another constraint on the current-sense resistor value and device gain is involved with the power-supply
voltage VS, as well as the device’s output swing-to-rail limitations. To ensure accurate current-sense signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com