Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2210CS8 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2210CS8
Description  Comparator and Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2210CS8 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO2210CS8 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO2210CS8 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO2210CS8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2210CS8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2210CS8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2210CS8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2210CS8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2210CS8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2210CS8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DIO221X
Version 1.1, Feb 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
2
2. Absolute Maximum Ratings
Exceeding the maximum ratings listed under Absolute Maximum Ratings when designing is likely to
damage the device permanently. Do not design to the maximum limits because long-time exposure to them
might impact the device’s reliability. The ratings are obtained over an operating free-air temperature range
unless otherwise specified.
Symbol
Parameter
Rating
Unit
VS
Supply voltage
3 to 44
V
VIN+, VIN-
Current-shunt monitor
analog inputs
Differential (VIN+ ~ VIN-)
-18 to 18
V
Common mode (1)
GND - 0.3 to 80
CMPIN and
——————
RESET
Comparator analog input and reset pins (1)
GND - 0.3 to (VS) + 0.3
V
Out
Analog output (1)
GND - 0.3 to (VS) + 0.3
V
CMPOUT
Comparator output (1)
GND - 0.3 to 40
V
Input current into any pin (1)
5
mA
TA
Ambient temperature
-40 to 125
°C
TJ
Junction temperature
150
°C
TSTG
Storage temperature
-65 to 150
°C
Note:
(1) This voltage may exceed the ratings shown if the current at that pin is limited to 5 mA.
3. Recommended Operating Conditions
Recommended operating conditions are specified to ensure optimal performance to the datasheet
specifications. The ratings are obtained over an operating free-air temperature range unless otherwise
specified.
Symbol
Parameter
Rating
Unit
VCM
Common-mode input voltage
-0.1 to 75
V
VS
Supply voltage
3 to 40
V
TA
Ambient temperature
-40 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com