Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2240ACS8 Datasheet(PDF) 21 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2240ACS8
Description  Enhanced PWM Rejection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2240ACS8 Datasheet(HTML) 21 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2240ACS8 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO2240ACS8 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO2240ACS8 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO2240ACS8 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO2240ACS8 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO2240ACS8 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO2240ACS8 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO2240ACS8 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIO2240ACS8 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
DIO2240
Version 1.2, Jan 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
17
12.Physical Dimensions
12.1. TSSOP-8
Common Dimensions
(Units of measure = Millimeter)
Symbol
Min
Max
D
2.90
3.10
E
4.30
4.50
b
0.19
0.30
c
0.09
0.20
E1
6.25
6.55
A
-
1.20
A2
0.80
1.00
A1
0.05
0.15
e
0.65 BSC
L
0.50
0.70
H
0.25 TYP
θ
1°
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com