Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2212CS8 Datasheet(PDF) 8 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2212CS8
Description  Comparator and Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2212CS8 Datasheet(HTML) 8 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2212CS8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2212CS8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2212CS8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2212CS8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2212CS8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2212CS8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO2212CS8 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO2212CS8 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO2212CS8 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DIO221X
Version 1.1, Feb 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
5
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Settling time (1%)
VSENSE = 10 mVPP
to 100 mVPP,
CLOAD = 5 pF
DIA2210
25
μs
DIA2211
40
DIA2212
100
Noise, RTI
Voltage noise density (2)
70
nV/
Hz
Note:
(1) Total output error includes effects of gain error, VOS and non-linearity error.
(2) Guaranteed by design.
(3) Specifications subject to change without notice.
6.2. Comparator
The values are obtained under these conditions unless otherwise specified: TA = 25°C, VS = 12 V, VCM = 12 V, VSENSE = 100 mV,
RL = 10 kΩ to GND, and RPULL-UP = 5.1 kΩ connected from CMPOUT to VS.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Offset voltage
Threshold
TA = 25°C
590
600
620
mV
TA = -40°C to 125°C
586
625
mV
Hysteresis (1)
TA = -40°C to 85°C
-8
mV
Input bias current
CMPIN pin
1
nA
Input voltage range
CMPIN pin
TA = -40°C to 125°C
0 to
(VS - 1.5)
V
Output (open-drain)
Large-signal differential
voltage gain (2)
CMPOUT = 1 V to 4 V,
RL ≥ 15 kΩ connected to 5 V
200
V/mV
ILKG
High-level leakage current (3) (4)
VID = 0.4 V, VOH = VS
1
nA
VOL
Low-level output voltage (3)
VID = -0.6 V, IOL = 2.35 mA
145
320
mV
Response time
tRES
Positive response time
RPULL-UP = 5.1 kΩ to 12 V,
CL = 15 pF,
CMPIN = 100 mV ~ 605 mV
3.5
μs
Negative response time
RPULL-UP = 5.1 kΩ to 12 V,
CL = 15 pF,
CMPIN = 605 mV ~ 505 mV
1.5
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com