Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2352BTP8 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2352BTP8
Description  High-Precision Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2352BTP8 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO2352BTP8 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO2352BTP8 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO2352BTP8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2352BTP8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2352BTP8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2352BTP8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2352BTP8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2352BTP8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2352BTP8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DIO2352X
www.dioo.com
© 2015 DIOO MICROCIRCUITS CO., LTD
DIO2352X• Rev. 1.3
 
Electrical Characteristics
V+=+5V,VREF=VS/2, TA = 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
INPUT CHARACTERISTICS
VCM
Common Mode Input Current
-0.1
(V+)+
0.1
V
CMRR
Common Mode Rejection Ratio
VCM=-0.1 to (V+)+0.1
100
dB
VOS
Input Offset Voltage
Common voltage=VS
-80
30
+80
μV
Common voltage=VS/2
-20
13
20
PSRR
Power Supply Rejection Ration
Vs=2.7V to 5.5V
100
dB
IB
Input Bias Current
5
µA
IOS
Input Offset Current
20
pA
∆VOS/∆T
Input Offset Voltage Drift
-40°C≤TA≤125°C
0.01
µV/°C
Gain Drift
3
10
ppm/°C
Gain
DIO2352A
50
V/V
DIO2352B
100
V/V
OUTPUT CHARACTERISTICS
VOH
Output Voltage High
RL=100kΩ, -40°C≤TA≤125°C
4.998
V
RL=10kΩ, -40°C≤TA≤125°C
4.99
VOL
Output Voltage Low
RL=100kΩ, -40°C≤TA≤125°C
1.2
mV
RL=10kΩ, -40°C≤TA≤125°C
7.3
IO
Output Current
Source Current
50
mA
Sink Current
50
IS
Supply Current
-40°C≤TA≤125°C
730
µA
GBP
Gain Bandwidth Product
2.5
kHz
NOISE PERFORMANCE
THD
Total Harmonic Distortion
f=1kHz, 2V Output Step,
RL=10kΩ,
0.0014
%
en
Voltage Noise Density
f=1kHz
40
nV/kHz
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com