Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2240CCS8 Datasheet(PDF) 13 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2240CCS8
Description  Enhanced PWM Rejection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2240CCS8 Datasheet(HTML) 13 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2240CCS8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO2240CCS8 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO2240CCS8 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO2240CCS8 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO2240CCS8 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO2240CCS8 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO2240CCS8 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO2240CCS8 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO2240CCS8 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
DIO2240
Version 1.2, Jan 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
9
increases the current-sensing resistor value. Larger resistance value, larger power dissipation in the
system, which can additionally results in the decreased overall system accuracy. Therefore, the
measurement accuracy is inversely proportional to both the resistance value and power dissipation
contributed by the current-shunt selection according to the relationships mentioned above.
The differential voltage is increased across the resistor when the current-shunt resistor is increased. To
achieve a full-scale amplifier output voltage, larger input differential voltages require a smaller amplifier gain.
Although larger amplifier gain settings are needed, smaller current-shunt resistors are preferred. Larger
gain settings often result in higher noise and error factors, which makes them unsuitable for precision
designs. Historically, larger current-sense resistors and lower gain amplifier settings have been required for
the design of high-performance measurements. The DIO2240 provides 100 V/V and 200 V/V gain options
that offer the high-gain setting, and at the same time it maintains high-performance levels with low offset
values. Lower shunt resistor values can be used to meet lower power dissipation and high system
performance specifications at the same time.
An example of the different results of two different gain versions (20 V/V and 200 V/V ) is shown in table
below. The higher gain device allows a smaller current-shunt resistor and decreased power dissipation in
the element. Except for the gain and current-shunt value, the error calculations must also be considered.
Table 1. RSENSE selection and power dissipation
Symbol
Parameter
Equation
Results
DIO2240A
DIO2240D
Gain
/
20 V/V
200 V/V
VDIFF
ldeal maximum differential input voltage
VDIFF = VOUT / Gain
150 mV
15 mV
RSENSE
Current-sense resistor value
RSENSE = VDIFF / IMAX
15 mΩ
1.5 mΩ
PRSENSE
Current-sense resistor power dissipation
RSENSE × IMAX 2
1.5 W
0.15 W
Note:
(1) Full-scale current = 10 A, and full-scale output voltage = 3 V.
9.3. Function mode
9.3.1. Adjusting the output midpoint with the reference pins
A test circuit for reference-divider accuracy is shown below. The DIO2240 output allows for unidirectional or
bidirectional operation.
Figure 11. Test circuit for reference divider accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com