Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2240CMP8 Datasheet(PDF) 20 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2240CMP8
Description  Enhanced PWM Rejection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2240CMP8 Datasheet(HTML) 20 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2240CMP8 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO2240CMP8 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO2240CMP8 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO2240CMP8 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO2240CMP8 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO2240CMP8 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO2240CMP8 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO2240CMP8 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIO2240CMP8 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
DIO2240
Version 1.2, Jan 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
16
10.3. Typical application for solenoid drive current-sensing
Figure 20. Solenoid drive application circuit
Similarly, solenoid drive current sensing also faces the challenges. In certain topologies, the
current-sensing amplifier is exposed to the full-scale PWM voltage between ground and supply. For this
type of application, the DIO2240 is well suitable.
For solenoid drive current-sensing application, the DIO2240 measures current with a 24 V, 500 mA water
valve. To demonstrate the device performance, the DIO2240D with a gain of 200 V/V was selected for this
design and powered from a 5 V supply.
As mentioned before, the reference point is set to midscale by splitting the supply with one reference pin
connected to ground and the other one connected to supply. Alternatively, the reference pins can be
connected together and driven with an external precision reference.
To keep the analog input within the device limits, select a value of 10 mΩ.
11.Layout Guidelines
Additional resistance between the input pins of the amplifier will be generated by the poor placement of the
current-sensing resistor. Because of the low current resistor, any additional high-current carrying
impedance can bring significant measurement errors. To ensure that only the current-sensing resistor
impedance is detected between the input pins, use a Kelvin or 4-wire connection to connect to the device
input pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com