Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSAC90 Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # SSAC90
Description  Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SSAC90 Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  SSAC90 Datasheet HTML 1Page - Sirectifier Semiconductors SSAC90 Datasheet HTML 2Page - Sirectifier Semiconductors SSAC90 Datasheet HTML 3Page - Sirectifier Semiconductors SSAC90 Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SSAC90
Symbol
Test Conditions
Characteristic Values
Unit
V
VT, VF
IT, IF=300A; TVJ=25
oC
1.74
VTO
For power-loss calculations only (TVJ=125
oC)
0.85
V
rT
3.2
m
VD=6V;
TVJ=25
oC
TVJ=-40
oC
VGT
2.5
2.6
V
VD=6V;
TVJ=25
oC
TVJ=-40
oC
IGT
150
200
mA
VGD
TVJ=TVJM;
VD=2/3VDRM
0.2
V
IGD
10
mA
IH
TVJ=25
oC; VD=6V; RGK=
200
mA
TVJ=25
oC; tp=10us; VD=6V
IG=0.45A; diG/dt=0.45A/us
450
mA
IL
per thyristor/diode; DC current
per module
RthJC
0.3
0.15
K/W
per thyristor/diode; DC current
per module
RthJK
0.5
0.25
K/W
dS
Creeping distance on surface
12.7
mm
dA
Strike distance through air
9.6
mm
a
Maximum allowable acceleration
50
m/s
2
IRRM, IDRM TVJ=TVJM; VR=VRRM; VD=VDRM
5
mA
TVJ=25
oC; VD=1/2VDRM
IG=0.45A; diG/dt=0.45A/us
tgd
2
us
TVJ=TVJM; IT=150A; tp=200us; -di/dt=10A/us
typ.
VR=100V; dv/dt=20V/us; VD=2/3VDRM
tq
185
us
uC
QS
TVJ=TVJM; IT, IF=50A; -di/dt=6A/us
170
IRM
45
A
ADVANTAGES
* Space and weight savings
* Simple mounting with two screws
* Improved temperature and power
cycling
* Reduced protection circuits
APPLICATIONS
* DC motor control
* Softstart AC motor controller
* Light, heat and temperature
control
Solid State AC Controller(Anti-Parallel Thyristor-Thyristor Modules)
FEATURES
* International standard package
* Copper Base Plate with Inter-DCB
* Planar passivated chips
* Isolation voltage 3600 V~



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com