Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC258 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # UPC258
Description  Low Noise Dual Operational Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC258 Datasheet(HTML) 2 Page - Renesas Technology Corp

  UPC258 Datasheet HTML 1Page - Renesas Technology Corp UPC258 Datasheet HTML 2Page - Renesas Technology Corp UPC258 Datasheet HTML 3Page - Renesas Technology Corp UPC258 Datasheet HTML 4Page - Renesas Technology Corp UPC258 Datasheet HTML 5Page - Renesas Technology Corp UPC258 Datasheet HTML 6Page - Renesas Technology Corp UPC258 Datasheet HTML 7Page - Renesas Technology Corp UPC258 Datasheet HTML 8Page - Renesas Technology Corp UPC258 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UPC258, UPC4558
R03DS0145EJ0200 Rev.2.00
Page 2 of 8
Feb.27.25
EQUIVALENT CIRCUIT (1/2 Circuit)
PIN CONFIGURATION (Top View)
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C)
Parameter
Symbol
UPC258G2
UPC258G2(5)
UPC4558G2
UPC4558G2(5)
Unit
Power Supply Voltage Note 1
V + - V -
-0.3 ~ +36
V
Differential Input Voltage
VID
±30
V
Input Voltage Note 2
VI
V - -0.3 ~ V + +0.3
V
Output Applied Voltage Note 3
VO
V - -0.3 ~ V + +0.3
V
Total Power Dissipation Note 4
PT
440
mW
Output Short Circuit Duration Note 5
Indefinite
s
Operating Ambient Temperature
TA
-40 ~ +85
-20 ~ +80
°C
Storage Temperature
Tstg
-55 ~ +125
°C
【
Note】 1. Note that reverse connections of the power supply may damage the ICs.
2. The input terminal must be apply within the input voltage range to avoid deteriorating or damaging the device
characteristic. Do not exceed the ratings including during transition state such as ON/OFF, etc. The Op-Amp
input voltage must operates within the electrical characteristics range of input common-mode voltage.
3. The output terminal must be apply within the output voltage range to avoid deteriorating or damaging the
device characteristic. Do not exceed the ratings including during transition state such as ON/OFF, etc. The
Op-Amp output voltage must operates within the electrical characteristics range of maximum output voltage.
4. This is the value at TA ≤ +25 °C. De-rate value at -4.4 mW/°C when TA > 25 °C.
5. Please use the total loss and the de-rating value from Note 4.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Power Supply Voltage
V ±
±4
±16
V
Q3
Q2
IN
Q4
Q1
II
C1 R3
Q6
R4
Q10
R5
Q9
Q8
Q7
Q5
R1
Q11
R6
Q12
Q14
Q13
OUT
V -
Q15
V +
R2
R8
R7
R9
D
C2
1
OUT1
6
V +
II1 2
IN1
V -
8
OUT2
7
4
3
II2
IN2
1
- +
2
+ -
5
µPC258G2, μPC4558G2
UPC258G2, UPC4558G2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com