Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC259 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPC259
Description  High Performance, Low Noise Dual Operational Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC259 Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPC259 Datasheet HTML 1Page - Renesas Technology Corp UPC259 Datasheet HTML 2Page - Renesas Technology Corp UPC259 Datasheet HTML 3Page - Renesas Technology Corp UPC259 Datasheet HTML 4Page - Renesas Technology Corp UPC259 Datasheet HTML 5Page - Renesas Technology Corp UPC259 Datasheet HTML 6Page - Renesas Technology Corp UPC259 Datasheet HTML 7Page - Renesas Technology Corp UPC259 Datasheet HTML 8Page - Renesas Technology Corp UPC259 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R03DS0146EJ0200 Rev.2.00
Page 1 of 8
Feb.18.25
Datasheet
UPC259, UPC4560
High Performance, Low Noise
Dual Operational Amplifiers
DESCRIPTION
UPC259 and 4560 are dual operational amplifiers with a built-in phase compensation circuit. The electrical
characteristics are equivalent to the UPC258 and 4558, and can flow a large amount of output current. In
addition, the slew rate is about 2.8 times of the UPC258, 4558.
Therefore, applications such as active filters, audio amplifiers and VCOs can be realized with a simple circuit
configuration.
Depending on operating ambient temperature, UPC259 is suited for communication application while
UPC4560 is suitable for general-purpose usage.
FEATURES
• Input Offset Voltage
±0.5 mV (TYP.)
• Input Offset Current
±5 nA (TYP.)
• Input Bias Current
60 nA (TYP.)
• Slew Rate
2.8 V/μs (TYP.)
• Output Current
over 25 mA
• Built-In Phase Compensation Circuit
• Standard Dual Op-Amp terminal connection (pin compatible)
ORDERING INFORMATION
Order Name (1)
Package
UPC259G2-AP
8-Pin plastic SOP ( 5.72 mm ( 225 ))
UPC4560G2-AP
8-Pin plastic SOP ( 5.72 mm ( 225 ))
(1) Order names containing E1 or E2 indicate that the packaging format is embossed taping.
Pin 1 of E1 is on draw-out side, and pin 1 of E2 is at take-up side.
EQUIVALENT CIRCUIT (1/2 Circuit)
PIN CONFIGURATION (Top View)
Q3
Q2
IN
Q4
Q1
II
C1 R3
Q6
R4
Q10
R5
Q9
Q8
Q7
Q5
R1
Q11
R6
Q12
Q14
Q13
OUT
V -
Q15
V +
R2
R7
R8
D
C2
µPC259G2, μPC4560G2
1
OUT1
6
V +
II1 2
IN1
V -
8
OUT2
7
4
3
II2
IN2
1
- +
2
+ -
5
UPC259G2, UPC4560G2


Similar Part No. - UPC259

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC259 RENESAS-UPC259 Datasheet
619Kb / 9P
High Performance, Low Noise Dual Operational Amplifier
2019.06.13
UPC259G2-A RENESAS-UPC259G2-A Datasheet
619Kb / 9P
High Performance, Low Noise Dual Operational Amplifier
2019.06.13
More results

Similar Description - UPC259

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6555 PANASONIC-AN6555 Datasheet
35Kb / 4P
Low Noise Dual Operational Amplifiers
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833 Datasheet
45Kb / 5P
LOW NOISE DUAL OPERATIONAL AMPLIFIERS
Dec-1997
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
LOW NOISE DUAL OPERATIONAL AMPLIFIERS
Nov-1997
logo
Rohm
BA4560F ROHM-BA4560F Datasheet
252Kb / 5P
LOW NOISE DUAL OPERATIONAL AMPLIFIERS
logo
Advanced Analog Technol...
AZ4558A AAT-AZ4558A Datasheet
221Kb / 10P
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
August 2003 Rev.1.1
logo
BCD Semiconductor Manuf...
AZ4580 BCDSEMI-AZ4580 Datasheet
177Kb / 14P
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI-NE5532_09 Datasheet
439Kb / 13P
DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
NE5532 TI-NE5532_10 Datasheet
488Kb / 14P
DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
MC33078 UTC-MC33078 Datasheet
147Kb / 6P
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI1-NE5532 Datasheet
966Kb / 23P
Dual Low-Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com