Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTJ2LR Datasheet(PDF) 4 Page - Clarke International

Part # CTJ2LR
Description  HYDRAULIC TROLLEY JACK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CTJ2LR Datasheet(HTML) 4 Page - Clarke International

  CTJ2LR Datasheet HTML 1Page - Clarke International CTJ2LR Datasheet HTML 2Page - Clarke International CTJ2LR Datasheet HTML 3Page - Clarke International CTJ2LR Datasheet HTML 4Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2. JACK LOWERS UNDER LOAD.
2.1 Discharge Valve held open: Carry out procedure as in 1.1 above
2.2 Release valve held open/dirty: Carry out procedure as in 1.3 above
3. JACK WILL NOT LIFT FULL 2 TONNES
Air may be trapped in the system: Carry out procedure as in 1.2 above
If any of these remedies fail to restore your jack, consult your CLARKE dealer
DECLARATION OF CONFORMITY
We declare that this product complies with the following standards/directives
• 89/392/EEC • 91/368/EEC • 93/44/EEC • 93/68/EEC
Product Description: ................ Trolley Jack
Model No: .................................. CTJ 2
Serial/Batch No: ........................ See Product Data Plate
signed:
SPECIFICATIONS
CTJ2
CTJ2Q
CTJ2LR
CTJ2L
CTJ2M
CTJ2QM
CTJ2ZA
Maximum load (tonnes)
2222
Minimum Height (mm)
135
135
110
124
Maximum Height (mm)
340
380
405
378
Overall Length (mm)
470
-
635
531
Overall Width (mm)
200
-
250
227
Weight (kg/lbs)
10/22
-
19.5/43
12.3/27
Part No.
7623005
7621805
1600660
7610250
7623010
7621810
7623015
NOTE: Model CTJ2ZA includes a pair of axle stands. DO NOT exceed the rated capacity of
2 tonnes
SPARE PARTS
he following user serviceable parts are available from your Clarke dealer, or Clarke
International Parts Dept.
1.
Saddle
4.
Valve Operating Lever
2.
Castor Assembly
5.
Carrying Handle
3.
Front Wheel Assembly
Engineering Manager
For Spare Parts and Servicing, please contact your nearest dealer, or
CLARKE International, on one of the following numbers.
PARTS & SERVICE TEL: 020 8988 7400
PARTS & SERVICE FAX: 020 8558 3622



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com