Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9769 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 9769
Description  5025C Multifunction Calibrator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9769 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  9769 Datasheet HTML 1Page - Time Electronics Ltd. 9769 Datasheet HTML 2Page - Time Electronics Ltd. 9769 Datasheet HTML 3Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Time Electronics
5025C Multifunction Calibrator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
Description
A precision multi-product calibrator designed to rapidly calibrate a wide range of test
and measurement instruments. With over 11 standard functions the 5025C can
accurately test and verify both traditional and new test equipment. It is ideal for
companies requiring a calibrator that delivers high performance over wide conditions,
with excellent capabilities, functionality, and features for ease of use.
The 5025C is fitted with AC/DC voltage to 1050 V, AC/DC current to 22 A, digital
frequency to 10 MHz, decade resistance to 1 GΩ, simulated variable resistance from
10 Ω to 40 kΩ, conductance, capacitance, thermocouple and Pt100 simulation.
An optional enhanced performance pack enables advanced calibration for up to
6.5 digit multimeters. It provides full range variable resistance to 120 MΩ, extended
temperature functions, extended capacitance, inductance, additional precision
high DCV ranges and increased ACV frequency bandwidth. Also available are
oscilloscope and power calibration options.
External adaptors are available for clamp meter calibration (up to 1100 A) and
optical tachometer calibration. Also available is a power amplifier which increases
the 5025C’s AC/DC voltage output drive capabilities to 100 mA. This addition allows
even the most demanding analogue instruments to be tested.
Wide workload coverage
The 5025C can calibrate various instruments and devices; bench and handheld
multimeters, frequency meters, ohm meters, AC/DC millivoltmeters, thermocouple
and Pt100 meters, clamp meters, and many other measurement devices.
By adding internal options the 5025C can calibrate oscilloscopes, timer/counters,
power meters and more.
Simple operation
Functions and ranges are easily accessed from the front panel. Increase and
decrease keys per digit, are used to quickly set the output value. Deviation control
then enables the user to finely adjust the output value as a percentage (± 9.999 %).
All this information is shown on a clear, easy to read LED display.
Virtual control software
The 5025C is supplied as standard with Time Electronics’ windows based Virtual
Control Software. It allows quick and direct input of any value required. The remote
SCPI command is displayed to help users develop custom applications.
Features
• 0 to 1050 V AC/DC voltage
• 0 to 22 A AC/DC current
• 1 Ω to 1 GΩ resistance
• Thermocouple and Pt100 simulation
• Digital frequency
• Capacitance
• Optional oscilloscope and power calibration
• Optional clamp meter calibration
• RS-232/USB/GPIB interfaces
• PC Virtual Control Software included
• Supplied with test lead set
• EasyCal software compatible
EasyCal Calibration Software
The 5025C can be controlled via Time Electronics EasyCal
software to automate the calibration process. This provides
increased speed of calibration and consistency of results.
Produce traceable calibration certificates and test reports
for quality standards with additional uncertainty information
for ISO 17025 conformance.


Similar Part No. - 9769

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9769 BELDEN-9769 Datasheet
170Kb / 2P
Audio, Control & Instrument, #22-17pr, PP, Indiv. Foil, PVC Jkt, CM
01-20-2023
logo
Heyco.
9769 HEYCO-9769 Datasheet
106Kb / 1P
Heyco®-Tite Metallic Liquid Tight Cordgrips
logo
Time Electronics Ltd.
9769 TIME-ELECTRONICS-9769 Datasheet
453Kb / 2P
5025 Multifunction Calibrator
v2d 27/5/11
9769 TIME-ELECTRONICS-9769 Datasheet
696Kb / 3P
5025E Multifunction Calibrator
05/20
9769 TIME-ELECTRONICS-9769 Datasheet
1Mb / 3P
5045 Oscilloscope Calibrator
6/26
More results

Similar Description - 9769

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
LCD Module Calibrator
November 14, 2006
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
LCD Module Calibrator
August 29, 2007
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
412400 EXTECH-412400 Datasheet
133Kb / 8P
Multifunction Process Calibrator
422123 EXTECH-422123 Datasheet
99Kb / 10P
Precision Multifunction Calibrator
CMM-17 EXTECH-CMM-17 Datasheet
253Kb / 1P
Process Calibrator MultiMeter
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
Infrared Calibrator
logo
Agilent(Hewlett-Packard...
5530 HP-5530 Datasheet
1Mb / 14P
Dynamic Calibrator
logo
Extech Instruments Corp...
PRC30 EXTECH-PRC30 Datasheet
101Kb / 2P
PRC30 Multifunction Process Calibrator
412400 EXTECH-412400_15 Datasheet
216Kb / 1P
Oyster짰 Multifunction Process Calibrator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com