Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9769 Datasheet(PDF) 3 Page - Time Electronics Ltd.

Part # 9769
Description  5025E Multifunction Calibrator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9769 Datasheet(HTML) 3 Page - Time Electronics Ltd.

  9769 Datasheet HTML 1Page - Time Electronics Ltd. 9769 Datasheet HTML 2Page - Time Electronics Ltd. 9769 Datasheet HTML 3Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Time Electronics
5025E Multifunction Calibrator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
Ordering Information
Code
Description
5025E
Multifunction Calibrator (40 ppm)
AC/DC 1 kV / 22 A. Decade Resistance to 1 GΩ, Simulated Resistance 40 Ω to 40 kΩ, Thermocouple Simulation (J,K,R,T,S,B,E,N),
Conductance, Pt100 Simulation, Capacitance, 10 MHz Frequency, Basic Test Lead Set, Virtual Control Software.
5025C Internal options
9702
5025E Enhanced Performance Pack
Full range variable resistance, extended temperature functions, extended capacitance, and increased ACV frequency bandwidth.
9797
Power Calibration (0 to 20 kW AC and DC)
9770
Oscilloscope Calibration (1 mV to 200 V, 0.1 Hz to 100 MHz / Bandwidth checking to 400 MHz)
9783
Oven-Controlled Frequency Reference (for timer/counters, increases accuracy to 0.1 ppm from 0.1 Hz to 10 MHz). Option 9770 must be fitted.
9769
Oscilloscope Calibration 2.2 GHz Levelled Sine Generator
5025C Adaptors, accessories and calibration certificates
9762
Rubidium High Stability Frequency Reference (9770 internal scope option must be fitted)
9764
Current Probe Calibration Adaptor (9770 internal scope option must also be fitted)
9773
Optical Tacho Adaptor
9780
Clamp Meter Adaptor (1 and 50 turn coil)
9790
100 Amp AC Current Transformer
9760
Power Amplifier (60 V AC, 90 V DC, 100 mA)
9766
External Low Noise Attenuator 1000:1
9767
External Low Noise Attenuator 100:1
9085
Soft Carry Case
9059
Hard Transit Case
9728
19 " Universal Rack Mount Kit
9796
Premium Test Lead Set (basic test lead set supplied as standard)
C159
Traceable calibration certificate (Factory)
C103
Accredited calibration certificate (ISO 17025)
EW01
Extended Warranty - 3 years total covering parts and labour.
EasyCal software licenses
ECFLA EasyCal Full License (discounted price when purchased with 5025E)
EC2FL
EasyCal Additional Full License (secondary user)
EC2WL EasyCal Work Station License (full management/scheduling, no calibration run)
EasyCal accessories
9795
Printer and Connectivity Kit
9777
Bar Code Reader
9778
Cal and ID Label Printer
9779
Job and Address Label Printer
CREP
Crystal Reports Sofware: For detailed editing and formatting of certificate styles
9597
GPIB Cable
9743
PCI to GPIB Interface Card for PC
For full listings of EasyCal software and options please see the EasyCal brochure for information.
v2a
05/20



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com