Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9760 Datasheet(PDF) 2 Page - Time Electronics Ltd.

Part # 9760
Description  5025C Series 2 Multifunction Calibrator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9760 Datasheet(HTML) 2 Page - Time Electronics Ltd.

  9760 Datasheet HTML 1Page - Time Electronics Ltd. 9760 Datasheet HTML 2Page - Time Electronics Ltd. 9760 Datasheet HTML 3Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Time Electronics
5025C Series 2 Multifunction Calibrator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
Technical Specifications (for full technical data see extended specifications sheet)
Function
Range / Values
Best 1 year Specification
Voltage DC
0 to ± 1050 V
± 15 ppm of setting
Current DC
0 to ± 22 A
1100 A with clamp meter adaptor (option 9780)
± 60 ppm of setting
Voltage AC
2 mV to 1050 V / 20 Hz to 1 MHz sine-wave
± 0.05 % of setting
Current AC
10 μA to 22 A / 20 Hz to 5 kHz sine-wave
100 A with current transformer (option 9790)
1100 A with clamp meter adaptor (option 9780)
± 0.05 % of setting
Digital frequency
0.1 Hz to 10 MHz
± 20 ppm of setting
Digital period
100 ns to 10 s (fixed values 1, 2, 5 sequence)
± 20 ppm of setting
Conductance
100 mS to 1 nS (decade values)
± 100 ppm of setting
2-wire variable resistance
1 Ω to 1.1 GΩ
± 100 ppm of setting
4-wire decade resistance
1 Ω to 100 kΩ
± 30 ppm of setting
RTD simulation
–180 to 850 °C. Type Pt100, Pt200, Pt500, Pt1000
± 0.03 °C
Thermocouple simulation
–210 to 2315 °C. Type J, K, R, T, S, B, E, N, C, L, U
± 0.05 °C
Capacitance
1nF, 10nF, 20nF, 50nF, 100nF, 200nF, 500nF, 1μF, 10μF, 20μF, 50μF, 100μF
± 0.2 % of setting
Inductance
1mH, 1.9mH, 5mH, 10mH, 19mH, 50mH, 100mH, 190mH, 500mH, 1H, 10H
± 0.1 % of setting
Power
22 A, 1050 V, 23 kW, 40 to 500 Hz
ACV: 0.05 %, DCV: 0.01 %. ACI: 0.1%, DCI: 0.05 %
Phase / Power factor
± 90° / 0.00 to 1.00 PF
± 0.25°
Option 9780: Clamp meter adaptor
AC/DC Current up to 1100 A (DC, 45 to 90 Hz)
± 0.5 %
Oscilloscope Calibration (5025C-S2/SCP)
Amplitude
2 mV to 200 V (1 M Ω) and 1 mV to 2 V 50 Ω (Square-wave or DC)
± 0.05 %
Frequency
(fixed values 1, 2, 5 sequence)
0.1 Hz to 10 MHz
20 MHz, 50 MHz, 100 MHz
± 0.1 ppm
± 20 ppm
Period
(fixed values 1, 2, 5 sequence)
10 s to 100 ns
50 ns, 20 ns, 10 ns
± 0.1 ppm
± 20 ppm
Duty cycle
3 frequencies: 100 Hz, 1 kHz, 10 kHz, settable from 0 to 100 %
–
Fast-rise
< 400 ps. Bandwidth checking up to 400 MHz
–
Levelled sine wave
50 to 1000 kHz & 10 MHz to 2.2 GHz levelled sine-wave (0.35 to 3.5 V pk-pk)
Amplitude ± 0.5 %, Frequency ± 50 ppm
External Options
External Adaptors/Instruments
9780: Clamp meter adaptor (1 and 50 turn coil) • 9773: Optical tacho adaptor • 9790: 100 Amp AC current transformer
9760: Power amplifier (60 V AC, 90 V DC, 100 mA) • 9762: Rubidium high stability frequency reference
9764: Current probe calibration adaptor • 9766: Low noise attenuator (1000:1) • 9767: Low noise attenuator (100:1)
Accessories
9085: Soft carry case • 9059: Hard transit case • 9728: 19 " Universal rack mount kit
EasyCal Software
ECFLA: EasyCal full license • 9777: Bar code reader • 9779: Job and address label printer
EC2FL/EC2WL: Additional user licenses • EAD: EasyAdmin add-on • EWC: WebCerts • CREP: Crystal Reports software
General Specifications
Mains voltage.......................................100 to 260 V AC 50/60 Hz.
Fuse ratings .........................................3.15 A anti-surge.
Power consumption ............................120 W typical, 200 W maximum.
Temperature performance..................Operating: 10 to 40 °C. Storage: –10 to 50 °C.
Operating humidity..............................< 80 % non condensing.
Altitude .................................................0 to 3 km. Non operating: 3 to 12 km.
Warm up ...............................................30 minutes to full accuracy.
Interfaces..............................................RS-232, GPIB and USB (via RS-232 adaptor). Command set: Standard SCPI.
Dimensions / Weight ...........................W 447 x H 152 x D 470 mm. Weight: 16.5 kg.
Supplied accessories..........................Premium test lead set (S2PTL), calibrator control software (1 year license), RS-232 cable, RS-232 to USB adaptor, user manual.
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com