Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9059 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 9059
Description  5025C Series 2 Multifunction Calibrator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9059 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  9059 Datasheet HTML 1Page - Time Electronics Ltd. 9059 Datasheet HTML 2Page - Time Electronics Ltd. 9059 Datasheet HTML 3Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Time Electronics
5025C Series 2 Multifunction Calibrator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
Description
The 5025C Series 2 is a multifunction calibrator that provides a wide range of precision
outputs for the calibration of electrical test tools, meters, and various types of
measuring devices. It combines performance and functionality with simple operation,
making it suitable for calibration laboratories, workshops and on-site test facilities.
Functions include AC/DC voltage and current, digital frequency, variable resistance,
conductance, capacitance, inductance, thermocouple and Pt100 simulation. AC and
DC power calibration via simultaneous voltage and current output, with adjustable
phase, and frequency to 500 Hz. An oscilloscope calibration option enables
generation of levelled sine-waves up to 2.2 GHz.
Clamp meter calibration is simplified by additional TurnCoil ranges for DC and AC
current, designed for use with the 9780 adaptor. Further options include an optical
tachometer calibration adaptor, 100 A AC current transformer, and a power amplifier
that increases the AC/DC voltage output drive capabilities to 100 mA. Accessories
include test lead sets, carry case options, and calibration software for automation.
Calibration capabilities
The 5025C-S2 can calibrate various instruments and devices including:
• Analogue and digital multimeters, panel meters, process meters
• Clamp meters (with clamp coil option 9780)
• Power meters, watt meters
• Tachometers, chart recorders, data loggers
• Thermocouple and Pt100 meters, electronic thermometers
• Oscilloscopes and timer counters (with SCP option)
Simple operation
Front panel operation is easy and intuitive. Quickly select functions and ranges, set
output values and increment digits up/down via the keypad. A deviation control
feature enables the user to finely adjust the output value as a percentage
(± 9.999 %). All information is shown on a clear, easy to read alphanumeric display.
Calibrator control software
The calibrator control software provides an advanced user interface with intuitive
operation via a PC or laptop. It enables a fast method of function selection, setting
and output. Quickly adjust and deviate values, and easily select ranges and units
required. A one year license is supplied as standard.
Features
• 0 to 1050 V AC/DC voltage
• 0 to 22 A AC/DC current
• 1 Ω to 1.1 GΩ variable resistance
• Thermocouple and Pt100 simulation
• Power calibration
• Capacitance and inductance
• Optional oscilloscope calibration
• Clamp meter calibration
• RS-232, USB, and GPIB interfaces
• Calibrator control software included
• Supplied with test lead set
• EasyCal software compatible
EasyCal Calibration Software
The 5025C can be controlled via Time Electronics EasyCal
software to automate the calibration process. This provides
increased speed of calibration and consistency of results.
Produce traceable calibration certificates and test reports
for quality standards with additional uncertainty information
for ISO 17025 conformance.


Similar Part No. - 9059

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9059 ETC1-9059 Datasheet
127Kb / 1P
SHIELDED ADJUSTABLE RF COILS
9059 ETC2-9059 Datasheet
100Kb / 2P
INSULATED PC SPACERS/SUPPORTS
logo
Heyco.
9059 HEYCO-9059 Datasheet
152Kb / 2P
Snap Rivets
logo
Alpha Wire
9059 ALPHAWIRE-9059 Datasheet
407Kb / 4P
22 (SOLID) AWG BCW
logo
Time Electronics Ltd.
9059 TIME-ELECTRONICS-9059 Datasheet
457Kb / 1P
9059 Hard Transit Case for 5025 Multifunction Calibrators
03/20
More results

Similar Description - 9059

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
LCD Module Calibrator
November 14, 2006
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
LCD Module Calibrator
August 29, 2007
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
412400 EXTECH-412400 Datasheet
133Kb / 8P
Multifunction Process Calibrator
422123 EXTECH-422123 Datasheet
99Kb / 10P
Precision Multifunction Calibrator
CMM-17 EXTECH-CMM-17 Datasheet
253Kb / 1P
Process Calibrator MultiMeter
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
Infrared Calibrator
logo
Agilent(Hewlett-Packard...
5530 HP-5530 Datasheet
1Mb / 14P
Dynamic Calibrator
logo
Extech Instruments Corp...
PRC30 EXTECH-PRC30 Datasheet
101Kb / 2P
PRC30 Multifunction Process Calibrator
412400 EXTECH-412400_15 Datasheet
216Kb / 1P
Oyster짰 Multifunction Process Calibrator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com