Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C112 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # C112
Description  5069 Insulation Tester Calibrator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

C112 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  C112 Datasheet HTML 1Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Time Electronics
5069 Insulation Tester Calibrator
Description
A precision instrument suitable for calibrating and testing general purpose insulation
testers and megohmmeters with test voltages up to 10 kV.
It is constructed in a high strength co-polymer plastic case and is powered by a
rechargeable battery. This ensures full isolation from the mains and prevents stray
leakage. The insulation tester being calibrated can be tested for open circuit voltage
and short circuit current. These are displayed on the digital meter mounted on the
front panel.
The insulation resistance is provided by a precision 4 dial decade resistance bank
which can be set to a maximum of 99.99 GΩ with additional resistance values of
100 kΩ, 200 kΩ, 500 kΩ, 1 MΩ, 2 MΩ and 5 MΩ which can be switched in as required.
Rugged and portable, the 5069 is ideal for site calibration work. Also available is the
5068 InsCal, 2.5 kV version.
Specifications
Resistance............................................. 10 GΩ, 1 GΩ, 100 MΩ, 10 MΩ decade ranges.
Fixed values ............................................. 5 MΩ, 2 MΩ, 1 MΩ, 500 kΩ, 200 kΩ, 100 kΩ.
Resistance accuracy...................................................................100 kΩ to 5 MΩ = 1 %.
......................................................................................................10 MΩ to 10 GΩ = 1 %.
.................................................................................................... 10 GΩ to 100 GΩ = 5 %.
Maximum voltages ..........................................................100 kΩ, 200 kΩ, 500 kΩ: 500 V
................................................... 1 MΩ, 2 MΩ, 5 MΩ: 2 kV / 10 MΩ: 2 kV / 20 MΩ: 4 kV
.............................................................30 MΩ to 10 GΩ: 6 kV / 10 GΩ to 100 GΩ: 10 kV
NOTE: The maximum voltage applied must be limited to the rating of the lowest decade being used.
Resistance temperature coefficient.............................................Less than 250 ppm/°C
Open circuit voltage measure................................... 0 to 2 kV range, accuracy 1 % FS.
.................................................................................... 0 to 10 kV range, accuracy 2 % FS.
Voltage display ................................................. 1.999 kV full scale, and 10 kV full scale.
Short circuit current measure.............. 0 to 2 mA and 0 to 20 mA ranges, accuracy 1 % FS.
Current display ..............................................................1.999 mA FS, and 19.99 mA FS.
Power.................... Internal battery, 6 V re-chargeable NiCad, >150 hrs between charges.
Dimensions / Weight ............................................... W 406 x H 175 x D 330mm / 4.4 kg.
Unit supplied with: Safety connection leads with bare ends to allow custom probes
(10 kV rated), 4mm 5 kV test lead set, wallet to carry test leads, and mains charger.
Features
• Insulation resistance from 100 kΩ to 100 GΩ
• Basic accuracy 1 %
• Up to 10 kV operation
• Battery operation (>150 hrs between charges)
• Continuous connection – no arcing
• Fully shrouded safety connectors
• Display of open circuit voltage
• Display of short circuit current
Ordering Information
5069 ...............................Insulation Tester Calibrator (InsCal)
C189.......................... Traceable calibration certificate (Factory)
C112....................Accredited calibration certificate (ISO 17025)
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
v5a
07/24
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.


Similar Part No. - C112

ManufacturerPart #DatasheetDescription
logo
Time Electronics Ltd.
C112 TIME-ELECTRONICS-C112 Datasheet
635Kb / 1P
5068 Insulation Tester Calibrator
03/20
logo
API Technologies Corp
C112-10 APITECH-C112-10 Datasheet
164Kb / 2P
DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C112-10 APITECH-C112-10 Datasheet
164Kb / 2P
DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
C112-10 APITECH-C112-10 Datasheet
164Kb / 2P
DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C112-10 APITECH-C112-10 Datasheet
164Kb / 2P
DIRECTIONAL COUPLER BROADBAND, 6 - 20 dB
More results

Similar Description - C112

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380260 EXTECH-380260 Datasheet
216Kb / 8P
Insulation Tester / Megohmmeter
380363 EXTECH-380363 Datasheet
442Kb / 10P
Insulation Tester / Megohmmeter
380366 EXTECH-380366 Datasheet
230Kb / 1P
Insulation Tester Datalogger
380375 EXTECH-380375 Datasheet
200Kb / 8P
Digital High Voltage Insulation Tester
380385 EXTECH-380385 Datasheet
214Kb / 8P
10KV Digital High Voltage Insulation Tester
MG500 EXTECH-MG500 Datasheet
616Kb / 1P
MG500 Digital High Voltage Insulation Tester
380320 EXTECH-380320 Datasheet
249Kb / 1P
Analog Insulation Tester
380363 EXTECH-380363_15 Datasheet
205Kb / 1P
Digital Insulation Tester
380395 EXTECH-380395 Datasheet
185Kb / 1P
Digital High Voltage Insulation Tester
380396 EXTECH-380396 Datasheet
185Kb / 1P
Digital High Voltage Insulation Tester
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com