Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C107 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # C107
Description  5070 Ductor Tester and Micro-Ohmmeter Calibrator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

C107 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  C107 Datasheet HTML 1Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Time Electronics
5070 Ductor Tester and Micro-Ohmmeter Calibrator
Description
The 5070 DuctorCal is a portable instrument suitable for calibrating high current
ductor testers and micro-ohm meters. It incorporates 5 sets of high current
standard resistors that are used to enable precision calibration.
It has full 4 terminal capabilities with extra large terminals for the current connection.
Gold plated terminals are used throughout to reduce contact resistance and
thermal EMFs. It has a substantial maximum continuous current rating, but can
also be used with much higher transient/pulse test currents. The internal
resistance standards are all high quality manganin types with good long term
stability and temperature coefficients.
Rugged and portable, the 5070 is ideal for site calibration work, housed in a
safety yellow field case with carry handle.
Specifications
Range
Resistance values
Accuracy
Max current
200 μΩ
50, 100, 150, 200 μΩ
0.8 %
200 A
2 mΩ
0.5, 1, 1.5, 2 mΩ
0.5 %
100 A
20 mΩ
5, 10, 15, 20 mΩ
0.2 %
30 A
200 mΩ
50, 100, 150, 200 mΩ
0.1 %
10 A
2 Ω
0.5, 1, 1.5, 2 Ω
0.1 %
3 A
The currents shown above are the continuous rated for both AC and DC.
Accuracy specification applies to DC signals.
Higher currents (as generated by pulse driven instruments) can be used with an
ON to OFF time ratio of 1:10 or less. The allowed peak currents are 10 times those
specified above, with an upper limit of 1000 A and a maximum applied time of 4 seconds.
At least 1 minute should be allowed between applications for cooling.
It is important to ensure there are adequate low resistance connections to the 5070
current terminals.
Dimensions ............................................................................W 540 x H 210 x D 410 mm
Weight........................................................................................................................11 kg
Features
• Calibrate ductor testers and micro-ohmmeters
• 0.2, 2, 20, 200, 2000 mΩ ranges
• 5 point calibration: 0, 25, 50, 75, 100 %
• 0.1 % best accuracy
• Gold plated terminals
• Low thermal emf connection
• Portable and robust carrying case
Ordering Information
5070 .............Ductor Tester and Micro-Ohmmeter Calibrator
C146.......................... Traceable calibration certificate (Factory)
C107....................Accredited calibration certificate (ISO 17025)
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
v4a
01/23
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.


Similar Part No. - C107

ManufacturerPart #DatasheetDescription
logo
Sanken electric
C107 SANKEN-C107 Datasheet
1Mb / 18P
Operate on the main AC line 100V and 200V
logo
Cree, Inc
C10710 CREE-C10710 Datasheet
262Kb / 4P
Cute series
logo
Ledil, Inc.
C10710 LEDIL-C10710 Datasheet
2Mb / 4P
~11째 spot beam with 1.5 mm high location pins
logo
Cree, Inc
C10711 CREE-C10711 Datasheet
275Kb / 4P
Cute series
logo
Ledil, Inc.
C10711 LEDIL-C10711 Datasheet
1Mb / 4P
~25째 medium beam with 1.5 mm high location pins.
More results

Similar Description - C107

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
LCD Module Calibrator
November 14, 2006
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
412400 EXTECH-412400 Datasheet
133Kb / 8P
Multifunction Process Calibrator
480303 EXTECH-480303 Datasheet
163Kb / 2P
Motor Rotation and 3-Phase Tester
480403 EXTECH-480403 Datasheet
161Kb / 7P
Phase Sequence and Motor Rotation Tester
ET34 EXTECH-ET34 Datasheet
120Kb / 1P
Voltage and Continuity Tester
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
Infrared Calibrator
logo
Agilent(Hewlett-Packard...
5530 HP-5530 Datasheet
1Mb / 14P
Dynamic Calibrator
logo
Molex Electronics Ltd.
0636000936 MOLEX11-0636000936 Datasheet
30Kb / 1P
Continuity and Hipot Tester
logo
IET Labs Inc.
LOM-510A IET-LOM-510A Datasheet
264Kb / 2P
High Accuracy Micro-Ohmmeter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com