Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9779 Datasheet(PDF) 3 Page - Time Electronics Ltd.

Part # 9779
Description  5025E Series 2 Multifunction Calibrator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9779 Datasheet(HTML) 3 Page - Time Electronics Ltd.

  9779 Datasheet HTML 1Page - Time Electronics Ltd. 9779 Datasheet HTML 2Page - Time Electronics Ltd. 9779 Datasheet HTML 3Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Time Electronics
5025E Series 2 Multifunction Calibrator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
Ordering Information
Code
Description
5025E-S2
5025E Series 2 Multifunction Calibrator
AC/DC 1050 V / 22 A, variable resistance 1 Ω to 1.1 GΩ, Pt100 simulation, thermocouple simulation, conductance,
capacitance, power calibration, 10 MHz digital frequency.
Supplied with test lead set, control software (1 year license), traceable calibration certificate.
5025E-S2/ACRD
5025E Series 2 Multifunction Calibrator with accredited calibration
AC/DC 1050 V / 22 A, variable resistance 1 Ω to 1.1 GΩ, Pt100 simulation, thermocouple simulation, conductance,
capacitance, power calibration, 10 MHz digital frequency.
Supplied with test lead set, control software (1 year license), accredited calibration certificate (ISO 17025).
5025E-S2/SCP
5025E Series 2 Multifunction Calibrator with oscilloscope calibration option
AC/DC 1050 V / 22 A, variable resistance 1 Ω to 1.1 GΩ, Pt100 simulation, thermocouple simulation, conductance,
capacitance, power calibration, 10 MHz digital frequency, 2.2 GHz oscilloscope calibration option fitted.
Supplied with test lead set, control software (1 year license), traceable calibration certificate.
5025E-S2/SCP/ACRD
5025E Series 2 Multifunction Calibrator with oscilloscope calibration option and accredited calibration
AC/DC 1050 V / 22 A, variable resistance 1 Ω to 1.1 GΩ, Pt100 simulation, thermocouple simulation, conductance,
capacitance, power calibration, 10 MHz digital frequency, 2.2 GHz oscilloscope calibration option fitted.
Supplied with test lead set, control software (1 year license), accredited calibration certificate (ISO 17025).
Adaptors, accessories and options
9762
Rubidium high stability frequency reference (for use with 5025E-S2/SCP models)
9764
Current probe calibration adaptor (for use with 5025E-S2/SCP models)
9773
Optical tacho adaptor
9780
Clamp meter adaptor (1 and 50 turn coil)
9790
100 Amp AC current transformer
9760
Power amplifier (60 V AC, 90 V DC, 100 mA)
9766
External low noise attenuator 1000:1
9767
External low noise attenuator 100:1
9085
Soft carry case
9059
Hard transit case
9728
19 " universal rack mount kit
S2PTL
Series 2 premium test lead set (basic test lead set supplied as standard)
EW01
Extended warranty - 3 years total covering parts and labour.
EasyCal software licenses
ECFLA
EasyCal full license (discounted price when purchased with 5025E)
EC2FL
EasyCal additional full license (secondary user)
EC2WL
EasyCal work station license (full management/scheduling, no calibration run)
EasyCal accessories
9795
Printer and connectivity kit
9777
Bar code reader
9778
Cal and ID label printer
9779
Job and address label printer
CREP
Crystal Reports Sofware: For detailed editing and formatting of certificate styles
9597
GPIB cable
9743
PCI to GPIB interface card for PC
For full listings of EasyCal software and options please see the EasyCal brochure for information.
v3c
01/24



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com