Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7040 Datasheet(PDF) 2 Page - Time Electronics Ltd.

Part # 7040
Description  7040 Digital Pressure Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

7040 Datasheet(HTML) 2 Page - Time Electronics Ltd.

  7040 Datasheet HTML 1Page - Time Electronics Ltd. 7040 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Time Electronics
7040 Digital Pressure Calibrator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
v2b
06/22
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.
Technical Specifications
Pressure
Range (bar)
0.2
2
5
10
20
Accuracy (% FS)
0.1
0.04 (0.025*)
0.04 (0.025*)
0.04 (0.025*)
0.04 (0.025*)
Resolution (bar)
0.01 mbar
.0001
0.001
0.001
0.001
* High accuracy available, specify range code + HA on order
Vacuum........................................................................ Available on 2 bar range. Measures vacuum to - 1 bar.
Filter............................................................................. Off (4 readings/sec), average of 4 readings, or average of 16 readings.
Temperature stability.................................................. Less than 0.005 % per °C.
Sensor ......................................................................... Piezoresistive.
Pressure connection..................................................1/8 ” BSP female in a stainless steel manifold.
Over-pressure............................................................. 3 x full scale or, 35 bar.
Wetted parts................................................................ Stainless steel and silicon (contaminated media version - stainless steel only).
Units............................................................................. Bar, PSI, KPa, inWg, cmWg, inHg, mmHg, Kg/cm2, Atm.
Loop Current Calibration
Ranges
................................................................... ± 200 mA, and ‘% of 4 - 20 mA’.
Accuracy
................................................................. 0.05 % of reading ± 2 digit, (0.1 % for ‘% of 4 - 20 mA’ range).
Resolution
.............................................................. 10 μA (200 mA range), 0.1 % (% of 4 - 20 mA range).
Loop resistance
...................................................... Less than 2 Ω.
Protection
............................................................... 250 mA automatic reset Poly-Fuse.
Sockets
................................................................... 4 mm industry standard.
Display
Pressure display..................................................... In one of 9 user selectable units.
Loop current display .............................................. In mA or % of 4 - 20 mA.
Leak rate display .................................................... In pressure units per sec, or per minute, as selected in user set-up Max/Min logging display.
General Specifications
Power
..................................................................... PP3 battery, life 50 hours continuous use.
Front panel
............................................................. Polycarbonate membrane keypad.
Interfaces
................................................................ RS-232 for readback and re-calibration (software not supplied).
Operating temperature
........................................... 0 to 50 °C.
Storage temperature
.............................................. -10 to 60 °C.
Case
....................................................................... Structural resin which is weather-proof to IP66 standard.
Dimensions / Weight
.............................................. H 157 x W 90 x D 33 mm, weight 0.29 kg.
Supplied with
.......................................................... Carry case, pneumatic fittings kit and hose, test lead, serial link cable.
Optional Extras
....................................................... Pneumatic hand pumps, EasyCal calibration software, and calibration certificates.
Ordering Information
7040.......................................................................... Digital Pressure Calibrator 7040/71xx/C or A
(pressure range code a shown below).
Range (bar)
0.2
2
5
10
20
Option Code
7100
7101 (HA)
7102 (HA)
7103 (HA)
7104 (HA)
For contaminated media version add /C. For absolute pressure sensor add /A
7090 ............................................................................. Pneumatic Hand Pump (vacuum to 40 bar). See separate datasheet for options.
7006 ....................................................................... Loop-Mate 1: Loop Current Simulator.
ECFLA.......................................................................... EasyCal Calibration Software (see separate datasheet for further information).
C185............................................................................. Traceable calibration certificate (Factory).
C196............................................................................. Accredited calibration certificate (ISO 17025).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com