Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7190 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 7190
Description  7018 Differential Pressure Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

7190 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  7190 Datasheet HTML 1Page - Time Electronics Ltd. 7190 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Time Electronics
7018 Differential Pressure Calibrator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
Description
The 7018 is a differential pressure calibration system suitable for field and laboratory
calibration work of both diffential pressure and electrical process loop signals.
The instrument is designed for very stable measurement of differential pressures between
its two output ports, enabling the calibration of differential pressure gauges, transducers,
and transmitters. There are five available versions, according to the required range, either
0.2, 2, 5, or 10 bar.
Features include a 4.5 digit LCD display with 4 selectable pressure units plus mA, zeroing
switch, and two quick release connector ports (Hi and Lo for differential pressure input)
that are situated on the front panel of the unit. Best accuracy is 0.04 % of full scale.
For process signal calibration the loop signal is displayed on the LCD display to 0.05 %
accuracy. Loop drive supply (24 V or 36 V) is also provided. Both pressure and loop signal
can be displayed at the same time to speed up the calibration of pressure transmitters.
Additionally a continuity function is available for testing for open circuit loops.
Power is via internal rechargeable cells (24 hours typical use) with a built-in mains
charger. The unit can be powered directly from the mains if required. The 7018 is housed
in an impact resistant safety case that provides protection and increased durability.
Pressure connections are on the front panel and the instrument is supplied with a
pressure hose, electrical test lead, 2 electrical probes and 2 crocodile clips.
Options
For the 7018, input pressure can be generated by the 7090 pneumatic hand pump (-950
mbar to 40 bar). Other pumps and digital pressure gauges are also available.
For process control signal simulation Time Electronics’ handheld 7006 Loop-Mate is
available as an option. It provides 4 - 20 mA and 0 - 10 V signals at levels of 0 %, 10 %,
25%, 50 %, 75 %, 90 %, 100 %. It can also step through these set points automatically to
allow hands free calibration. It is battery powered and can be stored in the 7018’s
supplied carry pouch. See separate datasheets for more information.
The 7018 is fitted with RS232 connection as standard. Display readback can be
performed using EasyCal calibration software. With comprehensive features EasyCal
can simplify and speed up calibration procedures. Easily produce calibration certificates
and reports to international quality standards.
Features
• 0.2, 2, 5 and 10 bar versions available
• Accuracy 0.04 % of full scale
• Pneumatic
• Calibrate DP transmitters, gauges & more
• Loop current measure
• 24/36 V loop power
• Over-pressure alarm
• RS-232 serial interface
• EasyCal software compatible
• Mains or battery powered
EasyCal Calibration Software
The 7018 can be controlled with readback via Time Electronics
EasyCal software to automate the calibration process. This
provides increased speed of calibration and consistency of
results. Produce traceable calibration certificates and test
reports for quality standards with additional uncertainty
information for ISO 17025 conformance.


Similar Part No. - 7190

ManufacturerPart #DatasheetDescription
logo
SNA Europe
7190 LINDSTROM-7190 Datasheet
738Kb / 2P
Micro-Bevel® Cut Diagonal Cutter with Tapered Head & ESD Safe Handle 0.2 mm-1 mm
logo
List of Unclassifed Man...
71900 ETC2-71900 Datasheet
470Kb / 2P
Wiha Quality Tools Toll Free: (800) 494-6104
71901 ETC2-71901 Datasheet
470Kb / 2P
Wiha Quality Tools Toll Free: (800) 494-6104
71902 ETC2-71902 Datasheet
470Kb / 2P
Wiha Quality Tools Toll Free: (800) 494-6104
71903 ETC2-71903 Datasheet
470Kb / 2P
Wiha Quality Tools Toll Free: (800) 494-6104
More results

Similar Description - 7190

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HD755 EXTECH-HD755_15 Datasheet
252Kb / 1P
Differential Pressure Manometers
logo
Ralston Instruments.
QTFT-2MS0-MP RALSTON-QTFT-2MS0-MP Datasheet
463Kb / 1P
Adapt any pressure calibrator, pressure gauge or comparator to Quick-test easily
logo
Silicon Microstructures...
SM5391-BCE-S-001-000 SMI-SM5391-BCE-S-001-000 Datasheet
372Kb / 1P
Differential Pressure Sensor
SM5391-BCE-S-001-001 SMI-SM5391-BCE-S-001-001 Datasheet
373Kb / 1P
Differential Pressure Sensor
logo
Festo Corporation.
153499 FESTO-153499 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153502 FESTO-153502 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153504 FESTO-153504 Datasheet
90Kb / 1P
Differential pressure regulator
4/19/22
153513 FESTO-153513 Datasheet
92Kb / 1P
Differential pressure regulator
4/19/22
153519 FESTO-153519 Datasheet
92Kb / 1P
Differential pressure regulator
4/19/22
190892 FESTO-190892 Datasheet
96Kb / 1P
Differential pressure regulator
4/19/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com