Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C196 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # C196
Description  7040 Digital Pressure Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

C196 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  C196 Datasheet HTML 1Page - Time Electronics Ltd. C196 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Time Electronics
7040 Digital Pressure Calibrator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
Description
The 7040 is a portable pressure and current calibrator suitable for workshop, laboratory
and field use. With the capability to measure both loop current and pressure, devices
such as transmitters and converters to be calibrated directly. Basic accuracy is 0.04 %
of full scale (0.025 % optional). Pressure can be displayed in any of nine popular
engineering units; Bar, PSI, KPa, inWg, cmWg, inHg, mmHg, Kg/cm2, and Atm.
Loop current can be displayed in mA, or as a percentage of span (4 - 20 mA).
A min/max logging function (pressure or loop current) is provided. The min or max
values can be recalled to the display and if required can be viewed in real time.
An additional feature is leak rate display. This allows the actual leakage rate to be
observed in real time in the selected ‘pressure units’ per sec, or per min.
By connecting the 7040 to a PC or laptop via RS-232 and using a suitable program (see
EasyCal details below) the displayed parameters can be read back: Pressure, Loop
Current, Max Value, Min Value. By arranging for the program to store these values in a
database a full data logging set-up is possible. The display is 4.5 digit LCD and power
is via a 9 V PP3 battery. The 7040 is supplied with pneumatic fittings kit and hose, test
leads, technical manual, RS-232 lead, and carry case.
Options
For the 7040, input pressure can be generated by the 7090 pneumatic hand pump
(vacuum to 40 bar). The 7090 is compact with comfortable handles with grips moulded
into the design make it easy to control the instrument whilst pumping up to pressure.
Features include protective caging for the vent valve guarding against accidental
damage, and dual o-rings on all pistons to ensure zero leakage. Also available are a
range of pumps suitable for workshop use, that feature an ergonomic mode of
operation. These models include the the 7193 (vacuum to 40 bar pneumatic) and 7192
(vacuum to 25 bar pneumatic).
For process control signal simulation a practical tool like the Time Electronics handheld
7006 Loop-Mate is available as an option. It is a low cost, simple operation unit that provides
4 - 20 mA and 0 - 10 V signals at levels of 0 %, 10 %, 25 %, 50 %, 75 %, 90 %, 100 %.
It can also step through these set points automatically to allow hands free calibration. It is
battery powered and compact, pocket sized and easy to carry in the field.
Features
• Vacuum to 20 bar versions available
• Accuracy 0.04 % FS (0.025 % FS optional)
• Pneumatic
• Up to 9 selectable engineering units
• Loop current measure
• Min/Max logging & leak rate functions
• 4.5 digit display
• RS-232 serial interface
• EasyCal software compatible
• Battery powered (9V PP3, 50 hours use)
EasyCal Calibration Software
The 7040 can be controlled with readback via Time Electronics
EasyCal software to automate the calibration process. This
provides increased speed of calibration and consistency of
results. Produce traceable calibration certificates and test
reports for quality standards with additional uncertainty
information for ISO 17025 conformance.


Similar Part No. - C196

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
C1962 PERKINELMER-C1962 Datasheet
10Kb / 11P
Channel Photomultipliers
C1962P PERKINELMER-C1962P Datasheet
10Kb / 11P
Channel Photomultipliers
C1963 PERKINELMER-C1963 Datasheet
10Kb / 11P
Channel Photomultipliers
C1963P PERKINELMER-C1963P Datasheet
10Kb / 11P
Channel Photomultipliers
logo
Inchange Semiconductor ...
C1969 ISC-C1969 Datasheet
219Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - C196

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
LCD Module Calibrator
November 14, 2006
logo
Sensortechnics GmbH
DSDX015A2R SENSORTECHNICS-DSDX015A2R Datasheet
83Kb / 8P
Digital pressure transducers
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
412400 EXTECH-412400 Datasheet
133Kb / 8P
Multifunction Process Calibrator
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
Infrared Calibrator
logo
Agilent(Hewlett-Packard...
5530 HP-5530 Datasheet
1Mb / 14P
Dynamic Calibrator
logo
Cherry Semiconductor Co...
G80-7040 CHERRY-G80-7040 Datasheet
141Kb / 2P
MultiBoard MX V2 G80-7040
logo
ALPS ELECTRIC CO.,LTD.
HSPPAD132A ALPS-HSPPAD132A Datasheet
303Kb / 7P
Digital Pressure Sensor
logo
Ralston Instruments.
QTFT-2MS0-MP RALSTON-QTFT-2MS0-MP Datasheet
463Kb / 1P
Adapt any pressure calibrator, pressure gauge or comparator to Quick-test easily
logo
Bosch Sensortec GmbH
BMP180 BOSCH-BMP180 Datasheet
633Kb / 29P
Digital pressure sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com