Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7165/G70B Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 7165/G70B
Description  7165 Compact High Pressure Compressor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

7165/G70B Datasheet(HTML) 1 Page - Time Electronics Ltd.

  7165/G70B Datasheet HTML 1Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Time Electronics
7165 Compact High Pressure Compressor
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
Description
A range of compact pressure compressor pumps for supplementing
calibration benches and pressure instruments. Primarily designed for
use with the 8030 pressure controller, 7165 models can be used to
create a fully automated pressure calibration system. This removes the
requirement for nitrogen cylinders or bulky high pressure compressors.
Four versions are available with pressure generation up to 70 bar.
Each unit is supplied pre-configured to the controller or calibrator they are
supplementing, enabling quick and easy set up by the end user. This
works by pre-setting the 7165 pressure to approximately 110 % above the
controller line pressure requirement. Once connected, the pump can be
started in two button presses to reach the pressure set point.
In addition to the standard transportable 7165 models, a CalBench
integrated version is available. This solution situates the pump inside
the CalBench console to create a self-sufficient pressure system. It is
ideal for CalBenches used in small workshops or containers. CalBench
integrated versions do not feature a panel display, but are operated via
a virtual control software application on the control centre module.
Ordering Information
7165/G17b ..............................Pressure Compressor/Pump (0 to 17 bar)
7165/CV17b ....................... Pressure Compressor/Pump (-0.8 to 17 bar)
7165/G35b ..............................Pressure Compressor/Pump (0 to 35 bar)
7165/CV35b ....................... Pressure Compressor/Pump (-0.8 to 35 bar)
7165/G50b ..............................Pressure Compressor/Pump (0 to 50 bar)
7165/CV50b ....................... Pressure Compressor/Pump (-0.8 to 50 bar)
7165/G70b ..............................Pressure Compressor/Pump (0 to 70 bar)
7165/CV70b ....................... Pressure Compressor/Pump (-0.8 to 70 bar)
Features/Specifications
• Compact electric pressure pump suitable for use with the 8030
pressure controller or CalBench systems
• 7165/G17b: 0 to 17 bar. 7165/G35b: 0 to 35 bar
7165/G50b: 0 to 50 bar. 7165/G70b: 0 to 70 bar
• Oil free system, provides clean air with no need for external filters
• Front panel display for modifying pressure output and maintenance
• RS-232 communication with virtual control application included
for PC or laptop control
• Power supply: 100 to 240 V AC 50/60 Hz
• Operation temperature range: 10 to 50 °C
• Output connection: 1/8 " Female BSP with fitting as specified.
• Relative humidity: 0 to 90 % RH
• Resolution: 1 psi, 0.1 bar, 0.1 kgf/cm²
• Accuracy: 1 % FS
• Dimensions: L 280 x H 330 x W 210 mm
• Weight: 17b & 35b models: 8 kg. 50b & 70b models: 12 kg
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.
v2b
09/25


Similar Part No. - 7165/G70B

ManufacturerPart #DatasheetDescription
logo
Time Electronics Ltd.
7165 TIME-ELECTRONICS-7165 Datasheet
573Kb / 2P
8030 Automatic Pressure Calibrator
09/21
logo
Wiha Tools
71650 WIHA-71650 Datasheet
195Kb / 1P
Wiha Tamper Resistant TORX® Insert Bits and Power Bits
71652 WIHA-71652 Datasheet
195Kb / 1P
Wiha Tamper Resistant TORX® Insert Bits and Power Bits
71654 WIHA-71654 Datasheet
195Kb / 1P
Wiha Tamper Resistant TORX® Insert Bits and Power Bits
71656 WIHA-71656 Datasheet
195Kb / 1P
Wiha Tamper Resistant TORX® Insert Bits and Power Bits
More results

Similar Description - 7165/G70B

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS5-90C FUJI-EDS5-90C Datasheet
78Kb / 2P
COMPACT PRESSURE SENSOR
logo
Panasonic Battery Group
QA43K11GAU PANASONICBATTERY-QA43K11GAU Datasheet
66Kb / 2P
MATSUSHITA Compressor
QA51K13GAU PANASONICBATTERY-QA51K13GAU Datasheet
66Kb / 2P
MATSUSHITA Compressor
QA66K16GAU PANASONICBATTERY-QA66K16GAU Datasheet
65Kb / 2P
MATSUSHITA Compressor
QA77K19GAU PANASONICBATTERY-QA77K19GAU Datasheet
66Kb / 2P
MATSUSHITA Compressor
QA91K22GAU PANASONICBATTERY-QA91K22GAU Datasheet
68Kb / 2P
MATSUSHITA Compressor
QA110K27GAU PANASONICBATTERY-QA110K27GAU Datasheet
66Kb / 2P
MATSUSHITA Compressor
QA125K29CAU PANASONICBATTERY-QA125K29CAU Datasheet
67Kb / 2P
MATSUSHITA Compressor
QA125K29GAU PANASONICBATTERY-QA125K29GAU Datasheet
68Kb / 2P
MATSUSHITA Compressor
logo
Copal Electronics
PG-75 COPAL-PG-75_16 Datasheet
243Kb / 5P
COMPACT PRESSURE GAUGE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com