Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

44.14X15 Datasheet(PDF) 1 Page - FACOM. All rights reserved.

Part # 44.14X15
Description  OPEN-END WRENCHES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FACOM [FACOM. All rights reserved.]
Direct Link  https://www.facom.com/
Logo FACOM - FACOM. All rights reserved.

44.14X15 Datasheet(HTML) 1 Page - FACOM. All rights reserved.

  44.14X15 Datasheet HTML 1Page - FACOM. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
On-line catalogue available on www.facom.com
F05 - 119
OPEN-END WRENCHES
OPEN-END WRENCH 44
Computer-aided design
and manufacture
Full CAD/CAM facilities - calculation of
all radii, cross-sections and profiles,
together with stress analysis for
optimum configuration and minimum
bulk - were used to perfect this high-
performance wrench 44 with slim pro-
file and powerful torque.
Powerful torque
Optimum alloy-steel structure and
heat treatment throughout ensure
high strength. The long shank of
wrench 44 allows extra leverage
without compromising safety.
Tightening torque: ISO 1711, DIN
899, NF E 74.381
Slim profile
Streamlined heads improve manoeu-
vrability and user comfort. Recessed
fasteners are easier to reach and
rotate, even in confined spaces (30°
increments).
High precision
CAM optimizes manufacturing accuracy
and repeatability. Tight tolerances on
sizes and high-quality finish ensure per-
fect fit on fasteners and grip in the
hand for maximum safety and user com-
fort.
STANDARD SERIES
▼ 44 METRIC AND INCH OPEN-END WRENCHES
WISO 10102, DIN 3110, NF E 74-304
• Metric sizes from 3.2 to 42 mm.
• Inch sizes from 1/4" x 5/16" to 1 7/16" x 1 5/8".
• Satin chrome finish.
F
A x A' mm
F
A x A' "
B x B'
mm
C
mm
L
mm
D
g
44.3,2X5,5
11,0 x 13,5
3,0
90
11
44.4X5
11,0 x 13,5
3,0
90
11
44.6X7
44.1/4X5/16
15,5 x 17,5
3,5
120
20
44.8X9
18,5 x 21,0
3,8
137
30
44.8X10
44.11/32X13/32
19,0 x 23,0
4,2
143
38
44.10X11
44.3/8X7/16
23,0 x 25,0
4,7
152
47
44.10X13
23,0 x 29,0
5,1
162
58
44.11X13
25,5 x 29,0
5,1
167
65
44.12X13
44.7/16X1/2
25,5 x 29,0
5,1
167
64
44.12X14
44.1/2X9/16
29,0 x 33,5
5,5
177
77
44.14X15
31,0 x 33,0
5,8
182
87
44.13X17
31,0 x 37,0
6,3
192
118
44.16X17
35,5 x 37,0
6,3
200
118
44.16X18
44.5/8X11/16
37,0 x 42,0
6,8
210
144
44.17X19
44.11/16X3/4
37,0 x 42,0
6,8
210
144
44.18X19
39,0 x 42,0
7,3
220
157
44.20X22
44.3/4X13/16
43,0 x 48,5
7,5
240
200
44.21X23
47,0 x 50,5
7,8
242
218
44.22X24
44.7/8X15/16
47,5 x 52,0
8,3
261
258
44.24X27
51,0 x 58,0
8,8
270
324
44.25X28
56,0 x 61,6
8,8
282
360
44.26X28
44.1'X1'1/16
56,0 x 61,6
8,8
282
360
44.27X29
59,0 x 64,0
9,5
301
450
44.27X30
59,0 x 64,0
9,5
301
450
44.30X32
44.1'3/16X1'5/16
63,0 x 70,0
9,8
318
513
44.33X35
71,0 x 75,0
11,5
342
720
44.34X36
71,0 x 75,0
11,5
342
720
44.36X41
44.1'3/8X1'1/2
78,0 x 87,0
12,0
381
945
44.38X42
44.1'7/16X1'5/8
78,0 x 87,0
12,0
381
945
44.27x32
44.1'1/8X1'1/4
63,0 x 70,0
9,8
318
513
GENERAL TOOLING
section 05 EN
13/09/04
9:00
Page 119


Similar Description - 44.14X15

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
600-004 GLENAIR-600-004 Datasheet
210Kb / 1P
Torque Wrenches
600-076 GLENAIR-600-076 Datasheet
217Kb / 1P
Hand Held Torque Wrenches
logo
List of Unclassifed Man...
442-987 ETC2-442-987 Datasheet
24Kb / 1P
Tap Wrenches - Chuck Type
50054 ETC2-50054 Datasheet
257Kb / 1P
Wiha Soft Grip Wrenches
logo
Assmann Electronics Inc...
AK500-OE-5-1-R ASSMANN-AK500-OE-5-1-R Datasheet
133Kb / 1P
Power cord - Plug Open End
AK500-OE-6-3 ASSMANN-AK500-OE-6-3 Datasheet
132Kb / 1P
Power cord - Plug Open End
AK500-OE-7-05-R ASSMANN-AK500-OE-7-05-R Datasheet
133Kb / 1P
Power cord - Plug Open End
logo
TE Connectivity Ltd
408-8640 TEC-408-8640 Datasheet
259Kb / 2P
Mini Torque Wrenches
408-8676 TEC-408-8676 Datasheet
187Kb / 2P
Production Torque Wrenches
logo
Pasternack Enterprises,...
PE5019-1A PASTERNACK-PE5019-1A Datasheet
367Kb / 3P
Torque Wrenches Technical Data Sheet
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com