Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW032 Datasheet(PDF) 20 Page - STMicroelectronics

Part # M58LW032
Description  32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M58LW032 Datasheet HTML 16Page - STMicroelectronics M58LW032 Datasheet HTML 17Page - STMicroelectronics M58LW032 Datasheet HTML 18Page - STMicroelectronics M58LW032 Datasheet HTML 19Page - STMicroelectronics M58LW032 Datasheet HTML 20Page - STMicroelectronics M58LW032 Datasheet HTML 21Page - STMicroelectronics M58LW032 Datasheet HTML 22Page - STMicroelectronics M58LW032 Datasheet HTML 23Page - STMicroelectronics M58LW032 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
M58LW032A
20/61
COMMAND INTERFACE
All Bus Write operations to the memory are inter-
preted by the Command Interface. Commands
consist of one or more sequential Bus Write oper-
ations. The Commands are summarized in Table
6, Commands. Refer to Table 6 in conjunction with
the text descriptions below.
After power-up or a Reset operation the memory
enters Read mode.
Synchronous Read operations and Latch Con-
trolled Bus Read operations can only be used to
read the memory array. The Electronic Signature,
CFI or Status Register will be read in asynchro-
nous mode or single synchronous burst mode.
Once the memory returns to Read Memory Array
mode the bus will resume the setting in the Burst
Configuration Register automatically.
Read Memory Array Command. The Read Mem-
ory Array command returns the memory to Read
mode. One Bus Write cycle is required to issue the
Read Memory Array command and return the
memory to Read mode. Once the command is is-
sued the memory remains in Read mode until an-
other command is issued. From Read mode Bus
Read commands will access the memory array.
While the Program/Erase Controller is executing a
Program, Erase, Block Protect, Blocks Unprotect
or Protection Register Program operation the
memory will not accept the Read Memory Array
command until the operation completes.
Read Electronic Signature Command. The Read
Electronic Signature command is used to read the
Manufacturer Code, the Device Code, the Block
Protection Status, the Burst Configuration Regis-
ter and the Protection Register. One Bus Write cy-
cle is required to issue the Read Electronic
Signature command. Once the command is is-
sued subsequent Bus Read operations read the
Manufacturer Code, the Device Code, the Block
Protection Status, the Burst Configuration Regis-
ter or the Protection Register until another com-
mand is issued. Refer to Table 7, Read Electronic
Signature, Table 8, Read Protection Register and
Figure 8, Protection Register Memory Map for in-
formation on the addresses.
Read Query Command. The Read Query Com-
mand is used to read data from the Common Flash
Interface (CFI) Memory Area. One Bus Write cycle
is required to issue the Read Query Command.
Once the command is issued subsequent Bus
Read operations read from the Common Flash In-
terface Memory Area. See Appendix B, Tables 26,
27, 28, 29, 30 and 31 for details on the information
contained in the Common Flash Interface (CFI)
memory area.
Read Status Register Command. The Read Sta-
tus Register command is used to read the Status
Register. One Bus Write cycle is required to issue
the Read Status Register command. Once the
command is issued subsequent Bus Read opera-
tions read the Status Register until another com-
mand is issued.
The Status Register information is present on the
output data bus (DQ1-DQ7) when both Chip En-
able and Output Enable are low, VIL.
See the section on the Status Register and Table
10 for details on the definitions of the Status Reg-
ister bits
Clear Status Register Command. The Clear Sta-
tus Register command can be used to reset bits 1,
3, 4 and 5 in the Status Register to ‘0’. One Bus
Write is required to issue the Clear Status Register
command.
The bits in the Status Register are sticky and do
not automatically return to ‘0’ when a new Write to
Buffer and Program, Erase, Block Protect, Blocks
Unprotect or Protection Register Program com-
mand is issued. If any error occurs then it is essen-
tial to clear any error bits in the Status Register by
issuing the Clear Status Register command before
attempting a new Program, Erase or Resume
command.
Block Erase Command. The Block Erase com-
mand can be used to erase a block. It sets all of
the bits in the block to ‘1’. All previous data in the
block is lost. If the block is protected then the
Erase operation will abort, the data in the block will
not be changed and the Status Register will output
the error.
Two Bus Write operations are required to issue the
command; the second Bus Write cycle latches the
block address in the internal state machine and
starts the Program/Erase Controller. Once the
command is issued subsequent Bus Read opera-
tions read the Status Register. See the section on
the Status Register for details on the definitions of
the Status Register bits.
During the Erase operation the memory will only
accept the Read Status Register command and
the Program/Erase Suspend command. All other
commands will be ignored. Typical Erase times
are given in Table 9.
See Appendix C, Figure 25, Block Erase Flow-
chart and Pseudo Code, for a suggested flowchart
on using the Block Erase command.
Word Program Command. The Word Program
command is used to program a single word in the
memory array. Two Bus Write operations are re-
quired to issue the command; the first write cycle
sets up the Word Program command, the second
write cycle latches the address and data to be pro-
grammed in the internal state machine and starts
the Program/Erase Controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com