Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59BW102 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M59BW102
Description  1 Mbit 64Kb x16, Burst Low Voltage Flash Memory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59BW102 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M59BW102 Datasheet HTML 9Page - STMicroelectronics M59BW102 Datasheet HTML 10Page - STMicroelectronics M59BW102 Datasheet HTML 11Page - STMicroelectronics M59BW102 Datasheet HTML 12Page - STMicroelectronics M59BW102 Datasheet HTML 13Page - STMicroelectronics M59BW102 Datasheet HTML 14Page - STMicroelectronics M59BW102 Datasheet HTML 15Page - STMicroelectronics M59BW102 Datasheet HTML 16Page - STMicroelectronics M59BW102 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13/24
M59BW102
Table 14. Write AC Characteristics, Write Enable Controlled
(TA = 0 to 70°C)
Symbol
Alt
Parameter
M59BW102
Unit
25
VCC = 3.0V to 3.6V
Min
Max
tAVAV
tWC
Address Valid to Next Address Valid
55
ns
tELWL
tCS
Chip Enable Low to Write Enable Low
0
ns
tWLWH
tWP
Write Enable Low to Write Enable High
30
ns
tDVWH
tDS
Input Valid to Write Enable High
25
ns
tWHDX
tDH
Write Enable High to Input Transition
0
ns
tWHEH
tCH
Write Enable High to Chip Enable High
0
ns
tWHWL
tWPH
Write Enable High to Write Enable Low
20
ns
tAVWL
tAS
Address Valid to Write Enable Low
0
ns
tWLAX
tAH
Write Enable Low to Address Transition
35
ns
tGHWL
Output Enable High to Write Enable Low
0
ns
tVCHEL
tVCS
VCC High to Chip Enable Low
50
µs
tWHGL
tOEH
Write Enable High to Output Enable Low
0
ns
Figure 9. Write AC Waveforms, W Controlled
Note: Address are latched on the falling edge of W, Data is latched on the rising edge of W; ALE must be High.
AI02769
E
G
W
A0-A15
DQ0-DQ15
VALID
VALID
VCC
tVCHEL
tWHEH
tWHWL
tELWL
tAVWL
tWHGL
tWLAX
tWHDX
tAVAV
tDVWH
tWLWH
tGHWL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com