Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMA6-RSP10 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HMA6-RSP10
Description  RUBBER DUCK MAGNETIC MOUNT W/ 100 SERIES CABLE AND CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HMA6-RSP10 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HMA6-RSP10 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant 
-ALL DIMENSIONS FOR REFERENCE-
RUBBER DUCK MAGNETIC MOUNT
W/ 100 SERIES CABLE AND CONNECTOR

ANTENNA MOUNT
PACKAGING:
COMPONENT SHALL BE PACKAGED IN ACCORDANCE
NOTES:
WITH L-COM SPEC PKG-00012.
MODEL# HMA6-XXXYY
1st SUFFIX = CONNECTOR TYPE
2nd SUFFIX = CABLE
LENGTH(FT)
01 TO 10 FEET
(+1 INCH, -0)
APM
ALPROX MALE
EXAMPLE:
HMA6-NF02
MC
MC CARD MALE
MCX
MCX MALE
MM
MMCX MALE
MMR
MMCX R/A
NM
N-MALE
RSP
RP SMA PLUG
RTJ
RP TNC JACK
RTP
RP TNC PLUG
SEP
SE PLUG
SM
SMA MALE
SMR
SMA MALE R/A
SBP
SBP PLUG
SBJ
SBJ JACK
SNP
SMA NANO PLUG
NF
N-FEMALE
RBP
RP BNC PLUG
RSJ
RP SMA JACK
TM
TNC MALE
BM
BNC MALE
DESCRIPTION
UNDIMENSIONED FEATURES
MAY OCCUR
09/08/11
A
PROJECTION
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
UNLESS OTHERWISE SPECIFIED,
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
A
6
-
INITIAL RELEASE
5
7
8
11
P.PESA
09/08/11
REVISIONS
HMA6-XXXYY
HMA6-XXXYY.SLDDRW
FSCM NO.
NORTH ANDOVER, MA
APPROVED
REV
DATE
P.PESA
09/08/11
09/08/11
-
-
B.PUCHASKI
-
B.PUCHASKI
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
43321
COLOR VARIATIONS
A
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°
SEE CHART FOR
CONNECTOR TYPE
SEE CHART FOR
CABLE LENGTH
RP SMA JACK
41
1.6


Similar Part No. - HMA6-RSP10

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HMA6-RSP10 L-COM-HMA6-RSP10 Datasheet
211Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Rubber Duck Antenna w/RP-SMA Plug Connector
More results

Similar Description - HMA6-RSP10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51018 PASTERNACK-PE51018 Datasheet
50Kb / 1P
Rubber Duck Antenna, 2400 . 2483.5 MHz, 2dB
PE51070 PASTERNACK-PE51070 Datasheet
77Kb / 1P
Rubber Duck Antenna 5725-5850 MHz, 5dBi
PE51072 PASTERNACK-PE51072 Datasheet
66Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51074 PASTERNACK-PE51074 Datasheet
87Kb / 1P
Rubber Duck Antenna 2300-2700 MHz, 2dBi
PE51076 PASTERNACK-PE51076 Datasheet
266Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 3dBi
PE51077 PASTERNACK-PE51077 Datasheet
58Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 2dBi
PE51078 PASTERNACK-PE51078 Datasheet
305Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 5dBi
PE51085 PASTERNACK-PE51085 Datasheet
69Kb / 1P
Rubber Duck Antenna 3400-3800 MHz, 5dBi
PE51086 PASTERNACK-PE51086 Datasheet
59Kb / 1P
Rubber Duck Antenna 2300-2700 MHz, 4.5dBi
PE51095 PASTERNACK-PE51095 Datasheet
296Kb / 1P
Mini Tri-Band Rubber Duck Antenna 2dBi
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com