Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLP308 Datasheet(PDF) 1 Page - Mobile Mark, Inc.

Part # LLP308
Description  5G MULTIBAND SURFACE MOUNT ANTENNA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOBILEMARK [Mobile Mark, Inc.]
Direct Link  https://www.mobilemark.com/
Logo MOBILEMARK - Mobile Mark, Inc.

LLP308 Datasheet(HTML) 1 Page - Mobile Mark, Inc.

  LLP308 Datasheet HTML 1Page - Mobile Mark, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
„
Subject to Change Without Notice Rev 1a RA-09/2024 © 2024 Mobile Mark, Inc.
US Headquarters +1.847.671.6690 • US/CA Toll Free +1.800.648.2800
European Facility +44.1543.459555 •
www.MobileMark.com
Moving Wireless Forward®
SMW-3 1 8- 3C3C 3C -WHT - 18 0
5G/LTE
GNSS
Color
Cable Length ( in inches )
PRODUCT OVERVIEW
The SMW-318 is a medium-sized surface mount antenna that contains two wideband 5G
Cellular elements for 2xMIMO coverage and 1xGPS, GNSS is also available as an option.
Each element covers 617-960 & 1710-6000 MHz. This antenna offers high performance
on both bands for reliable coverage: 3 dBi gain on the lower band and 6 dBi gain on the
upper band.
The antenna supports all 5G/LTE/4G cellular bands with 2xMIMO elements for redundancy
high data rate throughput.
The compact and attractive antenna measures only 4.2” in diameter and 3.2” in height. It
has a very tough, rugged radome and is available in either black or white. Only one hole is
required for surface mount installation. Gasket & nut (3/4” dia.) are included for water seal
surface mounting. Custom cables and connectors are available upon request. The antenna
is not available as a mag-mount.
The antenna is ideal for high data rate IoT applications either fixed site or mobile
(vehicular) applications.
Visit our eStore to purchase an Antenna Online.
5G MULTIBAND SURFACE MOUNT ANTENNA
HIGHLIGHTS:
•
2x 5G/LTE and 1x GPS
•
Frequency Coverage Up to 6000 MHz
•
High Performance, High Gain
•
Made-in-the-USA & UK
RELATED MODELS:
•
SMW-418 (1x 5G, 2x WiFi 6E, 1x GPS)
•
LLP308 (2x 5G, 1x GPS)
•
LTM308 (2x 5G, 1x GPS)
•
CVW308 (2x 5G, 1x GPS)
COMMON APPLICATIONS:
•
High Capacity Data Transmission
on 2x MIMO 5G
•
Use with Advanced 5G Routers
•
Fixed Site Installations
•
Large Volume Data Capture and Transmission
•
Supplemental Cellular Coverage for
Fleet Management
Electrical Specifications
Frequency & Gain
5G/LTE
Cables 1&2
617-960 MHz, 3 dBi
1710-6000 MHz, 6 dBi
GPS
Cable 3 1575.42 ±2 MHz, 26 dB, 5 dBi
VSWR < 2.5:1 max over range
Impedance 50 Ohm Nominal
Power Rating 10 Watts
GPS
Voltage 3.3/5 VDC
Current 20 mA max, 10 mA typical
Mechanical Specifications
Radome Material & Color ASA UV-Stable Plastic, Available in Black or White
Radome Dimension 4.20” D x 3.17” H (107 mm x 81 mm)
Standard Connectors SMA Plugs ( Male ) for 5G/LTE and GPS/GNSS
Cables 1 - 2 Separate LL-195 15 ft (4572 mm)
Cable 3 RG-174 15 ft (4572 mm)
Operating Temperature -40° to +80° C
Mounting
Threaded metal stud 3/4” dia. x 1/2” long
(19 mm x 13 mm) for 1/4” (6 mm) thick metal;
Supplied with gasket & nut; other stud lengths available.
Shock & Vibration IEEE1478, EN 61373, MIL-810G TIA 329.2-C
Dust & Water Ingress IP69K (Mag-Mount, When Properly Mounted)
RoHS Compliant Yes
SMW-318


Similar Part No. - LLP308

ManufacturerPart #DatasheetDescription
logo
Mobile Mark, Inc.
LLP302 MOBILEMARK-LLP302 Datasheet
266Kb / 1P
MULTIBAND SURFACE MOUNT ANTENNA
10/2023
LLP304 MOBILEMARK-LLP304 Datasheet
263Kb / 1P
PUBLIC SAFETY SURFACE MOUNT ANTENNA
10/2023
More results

Similar Description - LLP308

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACA-105-T ABRACON-ACA-105-T Datasheet
1Mb / 5P
Surface Mount Multiband Chip Antenna 490 / 783 / 868 & 915MHz
10.06.14
logo
Laird Tech Smart Techno...
FHQ69273CD LSTD-FHQ69273CD Datasheet
311Kb / 2P
Phantom Fin Multiband Roof Mount Antenna
logo
Raltron Electronics Cor...
RPA-MB-P-56-IPEX-30-G RALTRON-RPA-MB-P-56-IPEX-30-G Datasheet
138Kb / 2P
MULTIBAND ANTENNA
RST-MB-P-157-SMA-G RALTRON-RST-MB-P-157-SMA-G Datasheet
174Kb / 2P
MULTIBAND ANTENNA
RST-MB-P-153-SMA-G RALTRON-RST-MB-P-153-SMA-G Datasheet
214Kb / 3P
MULTIBAND ANTENNA
logo
TE Connectivity Ltd
2363694 TEC-2363694 Datasheet
341Kb / 3P
SISO BRACKET MOUNT 5G ANTENNA
logo
Pulse A Technitrol Comp...
ARMXXXXXAM PULSE-ARMXXXXXAM Datasheet
4Mb / 25P
Vehicular Multiband Antenna with Adhesive Mount
logo
Linx Technologies
ANT-5GW-SPS1 LINX-ANT-5GW-SPS1 Datasheet
1Mb / 10P
Panel Mount 5G/LTE Antenna
2021
logo
Raltron Electronics Cor...
RDM-GPGLBD-A-110-N-W-G RALTRON-RDM-GPGLBD-A-110-N-W-G Datasheet
285Kb / 5P
MULTIBAND ANTENNA
Rev B
logo
Suzhou Maswell Communic...
AN_MASTER_003 MASWELL-AN_MASTER_003 Datasheet
430Kb / 3P
5G Antenna
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com