Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLT3-4B Datasheet(PDF) 3 Page - STMicroelectronics

Part # CLT3-4B
Description  Current limited over-voltage protected quad digital termination
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT3-4B Datasheet(HTML) 3 Page - STMicroelectronics

  CLT3-4B Datasheet HTML 1Page - STMicroelectronics CLT3-4B Datasheet HTML 2Page - STMicroelectronics CLT3-4B Datasheet HTML 3Page - STMicroelectronics CLT3-4B Datasheet HTML 4Page - STMicroelectronics CLT3-4B Datasheet HTML 5Page - STMicroelectronics CLT3-4B Datasheet HTML 6Page - STMicroelectronics CLT3-4B Datasheet HTML 7Page - STMicroelectronics CLT3-4B Datasheet HTML 8Page - STMicroelectronics CLT3-4B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CLT3-4B
Characteristics
3/13
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-a)
TSSOP20 thermal resistance junction to ambient
Board copper surface = 2 cm2, copper thickness = 35 µm
90
°C/W
Table 3.
Electrical characteristics (TJ = 25 °C, VCC = 24 V and COM pin voltage
referred unless otherwise specified)
Symbol
Pin
Name
Conditions
Min.
Typ
Max.
Unit
Current limitation
ILIM
IN
Input limiting current
VOUT = 0.9 to 2.0 V
VIN = 5 to 27 V
TAMB = - 25 to 85° C
2.1
3
3.7
mA
VLOW
IN
Maximum off state
voltage
IIN = 100 µA
1.5
V
VTH
IN
Activation threshold
IIN = 2.1 mA
3.4
5
V
Input and Supply Protection
VCL
IN
Clamping voltage
IIN = 7 mA; tP = 1 ms
31
38
-
V
Opto-coupler driver operation
IOFF
OUT
Off state output current
VI = 5 V,
(1)
1.
According to Figure 9: Robust application diagram on page 8 with use of a
RI = 1.8 kΩ resistor, and an opto-coupler (RLED (0 V) = 15 kΩ)
-
10
40
µA
IIN = 1.5 mA,
(2)
2.
According to Figure 9: Robust application diagram on page 8 with use of a
RI = 0 kΩ resistor, and an opto-coupler (RLED (0 V) = 15 kΩ)
-
10
40
µA
VOFF
OUT
Off state output voltage
IIN = 1.5 mA
0.15
0.5
V
ION
OUT
On state output current
VIN = 5 V
1.5
2
-
mA
VIN = 4.2 V, VC = 10 V
1.5
2
-
mA
Supply and biasing circuit
VC
VC
Supply voltage
TAMB = - 25 to 85° C
10
V
IC
VC
Supply current
VIN = VC = 30 V
550
800
µA
Table 4.
Switching electrical characteristics (TJ = 25 °C, VCC = 24V and COM pin
voltage referred unless otherwise specified)
Symbol
Pin
Name
Conditions
Min.
Typ
Max.
Unit
FMAX
IN-OUT Input to output running frequency
5
kHz
tPLH
IN-OUT Input activation propagation time
COUT = 22 nF
6
µs
tPHL
IN-OUT Input de-activation propagation time
COUT = 22 nF
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com