Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO3166SC5 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO3166SC5
Description  Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO3166SC5 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO3166SC5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO3166SC5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO3166SC5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO3166SC5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO3166SC5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO3166SC5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO3166SC5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO3166SC5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO3166SC5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DIO3166
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO3166• Rev. 1.4
Electrical Characteristics
All typical value are at VCC = 2.7 V to 3.6 V, TA = 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
Temp.
Min
Typ
Max
Unit
VIH
Input voltage high
-40 to 85°C
1.65
V
VIL
Input voltage low
-40 to 85°C
0.6
V
IIN
Control input
leakage
VIN = 2.7 V or 0 V, VCC = 2.7 V
25°C
-2
2
nA
-40 to 85°C
-100
100
INO(OFF)
NO, COM off
leakage current
VSW = 0.3 V, 3.3 V, VCOM = 3.3 to 0.3 V
VCC = 3.6 V (See Figure 4)
25°C
-20
1
20
nA
-40 to 85°C
-50
50
ICOM(ON)
COM on leakage
current
VCOM = 0.3 V, 3.3 V, VSW = 0.3 V, 3.3 V,
or floating, VCC = 3.6 V
25°C
-10
1
10
nA
-40 to 85°C
-20
20
ICC
Quiescent supply
current
VCC = 3.6 V, VIN = VCC or GND,
switch ON or OFF
25°C
2.5
25
nA
-40 to 85°C
100
RON
Switch on
resistance
VCC = 2.7 V, VSW = 1.0 V,
ISW = -100 mA (See Figure 2)
25°C
1.5
2.2
Ω
-40 to 85°C
2.6
ΔRON
On resistance
matching between
channels
VCC = 2.7 V, VSW = 1.0 V,
ISW = -100 mA
25°C
0.1
0.3
Ω
-40 to 85°C
0.5
RFLT(ON)
On resistance
flatness
VCC = 2.7 V, VSW = 1 V, 2 V,
ISW = -100 mA
-40 to 85°C
0.9
1.5
Ω
tON
Turn-on time
VSW = 1.5 V or 0 V, RL = 50 Ω,
CL = 35 pF (See Figure 6)
25°C
70
ns
tOFF
Turn-off time
VSW = 1.5 V or 0 V, RL = 50 Ω,
CL = 35 pF (See Figure 6)
25°C
10
ns
tBBM
Break before make
time
VSW = VCC, RL = 50 Ω, CL = 35 pF
25°C
60
ns
OIRR
Off isolation
RL = 50 Ω, signal = 0 dBm, f = 1 MHz
25°C
-55
dB
BW
-3dB bandwidth
RL = 50 Ω, signal = 0 dBm
(See Figure 5)
25°C
100
MHz
THD
Total harmonic
distortion
RL = 600 Ω, CL = 50 pF,
f = 20 Hz to 20 kHz
25°C
0.01
%
COFF
Off capacitance
Switch off, VSW = VCC or 0 V
(See Figure 3)
25°C
25
pF
CON
On capacitance
Switch on, VCOM = VCC or 0 V
(See Figure 3)
25°C
64
pF
Note:
(1) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com