Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO3713 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO3713
Description  Analog switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO3713 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO3713 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO3713 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO3713 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO3713 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO3713 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO3713 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO3713 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO3713 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO3713 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DIO3713
www.dioo.com
© 2020 DIOO MICROCIRCUITS CO., LTD
DIO3713• Rev. 1.1
AC Electrical Characteristics
All typical value are at Vcc=1.8 to 5.5V, TA=25°C unless otherwise specified
Symbol
Parameter
Conditions
Temp.
Min.
Typ.
Max.
Unit
TON
Turn-On Time
VNO or VNC=1.5V,RL = 300Ω,
CL = 35pF,See Figure 9
25°C
23
ns
TOFF
Turn-Off Time
VNO or VNC=1.5V,RL = 300Ω,
CL = 35pF,See Figure 9
25°C
20
ns
Tbbm
Break-Before
-Make Time
VNO1 or VNC1= VNO2 or VNC2= 1.5V,
RL = 300Ω, CL = 35pF,See Figure 8
25°C
6
ns
OIRR
Off Isolation
RL = 50Ω,
Signal=0dBm
CL = 5pF
See Figure 7
f=10MHz
25°C
-57
dB
f=1MHz
25°C
-75
Xtalk
Crosstalk
RL = 50Ω,
Signal=0dBm,
CL = 5pF
See Figure 6
f=10MHz
25°C
-96
dB
f=1MHz
25°C
-100
BW
-3dB bandwidth
RL = 50Ω, Signal=0dBm,
CL = 5pF, See Figure 5
25°C
300
MHz
AC Electrical Characteristics(continued)
All typical value are for Vcc = 3.3V at 25°C unless otherwise specified
Symbol
Parameter
Conditions
Temp.
Min.
Typ.
Max.
Unit
CON
On Capacitance,
See Figure 4
f=1MHz
25°C
10
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com