Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59DR016D Datasheet(PDF) 33 Page - STMicroelectronics

Part # M59DR016D
Description  16 Mbit 1Mb x16, Dual Bank, Page 1.8V Supply Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR016D Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M59DR016D Datasheet HTML 29Page - STMicroelectronics M59DR016D Datasheet HTML 30Page - STMicroelectronics M59DR016D Datasheet HTML 31Page - STMicroelectronics M59DR016D Datasheet HTML 32Page - STMicroelectronics M59DR016D Datasheet HTML 33Page - STMicroelectronics M59DR016D Datasheet HTML 34Page - STMicroelectronics M59DR016D Datasheet HTML 35Page - STMicroelectronics M59DR016D Datasheet HTML 36Page - STMicroelectronics M59DR016D Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
33/37
M59DR016C, M59DR016D
Table 29. Ordering Information Scheme
Devices are shipped from the factory with the memory content bits erased to ’1’.
Table 30. Daisy Chain Ordering Scheme
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de-
vice, please contact the STMicroelectronics Sales Office nearest to you.
Example:
M59DR016C
100 ZB
6
T
Device Type
M59
Architecture
D = Dual Bank Page Mode
Operating Voltage
R = 1.8V
Device Function
016C = 16 Mbit (x16), Dual Bank: 1/4-3/4 partitioning, Top Boot
016D = 16 Mbit (x16), Dual Bank: 1/4-3/4 partitioning, Bottom Boot
Random Speed
100 = 100 ns
120 = 120 ns
Package
ZB = TFBGA48: 0.75mm pitch
Temperature Range
1 = 0 to 70°C
6 = –40 to 85°C
Option
T = Tape & Reel packing
Example:
M59DR016
-ZB
T
Device Type
M59DR016
Daisy Chain
-ZB = TFBGA48: 0.75mm pitch
Option
T = Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com