Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5961 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L5961
Description  MOST power management device (PMD)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5961 Datasheet(HTML) 3 Page - STMicroelectronics

  L5961 Datasheet HTML 1Page - STMicroelectronics L5961 Datasheet HTML 2Page - STMicroelectronics L5961 Datasheet HTML 3Page - STMicroelectronics L5961 Datasheet HTML 4Page - STMicroelectronics L5961 Datasheet HTML 5Page - STMicroelectronics L5961 Datasheet HTML 6Page - STMicroelectronics L5961 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
L5961
Functionality details
3/7
2
Functionality details
●
Provides three basic states:
–
Zero power mode
All external HW is switched off. PM-chip is switched Off except "REG1 voltage
regulator", "Switch-to-power-pulse comparator" and "Control logic".
–
Ultra zero power mode
All external HW is switched off. PM-chip is switched Off except "ON/OFF Control
logic". PMD can be woken up to reach "Zero current mode" by activities on
DIAG_I/O line
–Normal
PMD and external HW is powered. One of the four possible wake-up conditions
occurs and the wake-up event is confirmed either by means of PWROFF pin or
I2C bus.
To confirm the on-event:
- PWROFF pin must be driven low OR
- the right I2C bus command is provided.
●
Reacts on four different wake-up events
–
Switch to power pulse (STPP)
–
Light ON (for status)
–
Activity on Diag_I/O
–
ON/OFF switch
●
I2C interface (allowing system programmability)
●
Generation of switch to power pulse (STPP)
●
Online battery monitoring, reacts on battery changes/ events:
–
Over voltage
–
Critical voltage
–
Under voltage
●
Hardware watchdog triggered with discrete input, available to monitor the activity of the
controller
●
Fail-safe behavior:
–
Intrinsic filtering time of wake-up events
–
Protection against software caused failures
–
Over-temperature warning / thermal protection
●
Diagnostic transceiver compatible to standard LIN2.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com