Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7220 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L7220
Description  Disk drive spindle and VCM motor driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7220 Datasheet(HTML) 2 Page - STMicroelectronics

  L7220 Datasheet HTML 1Page - STMicroelectronics L7220 Datasheet HTML 2Page - STMicroelectronics L7220 Datasheet HTML 3Page - STMicroelectronics L7220 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Package information
L7220
2/4
1
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 1.
TQFP64 mechanical data & package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.20
0.0472
A1
0.05
0.15
0.002
0.006
A2
0.95
1.00
1.05
0.0374 0.0393 0.0413
b
0.17
0.22
0.27
0.0066 0.0086 0.0086
c
0.09
0.20
0.0035
0.0078
D
11.80
12.00
12.20
0.464
0.472
0.480
D1
9.80
10.00
10.20
0.386
0.394
0.401
D2
2.00
0.787
D3
7.50
0.295
E
11.80
12.00
12.20
0.464
0.472
0.480
E1
9.80
10.00
10.20
0.386
0.394
0.401
E2
2.00
0.787
E3
7.50
0.295
e
0.50
0.0197
L
0.45
0.60
0.75
0.0177 0.0236 0.0295
L1
1.00
0.0393
k
0˚3.5˚7˚
0˚3.5˚7˚
ccc
0.080
0.0031
TQFP64 (10x10x1.0mm)
Exposed Pad Down
7278840 B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com