Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3962EP Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3962EP
Description  1.5A Fast Ultra Low Dropout Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3962EP Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LP3962EP Datasheet HTML 12Page - National Semiconductor (TI) LP3962EP Datasheet HTML 13Page - National Semiconductor (TI) LP3962EP Datasheet HTML 14Page - National Semiconductor (TI) LP3962EP Datasheet HTML 15Page - National Semiconductor (TI) LP3962EP Datasheet HTML 16Page - National Semiconductor (TI) LP3962EP Datasheet HTML 17Page - National Semiconductor (TI) LP3962EP Datasheet HTML 18Page - National Semiconductor (TI) LP3962EP Datasheet HTML 19Page - National Semiconductor (TI) LP3962EP Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
20114726
FIGURE 12. SCENARIO G,
θ
JA = 113˚C/W
20114727
FIGURE 13. SCENARIO H,
θ
JA = 79˚C/W
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com