Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUL101CKB Datasheet(PDF) 1 Page - Optronics International

Part # BUL101CKB
Description  GloLight 4" Round Sealed DOT LED Back-Up Lights
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

BUL101CKB Datasheet(HTML) 1 Page - Optronics International

  BUL101CKB Datasheet HTML 1Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
BUL101 SERIES
GloLight 4” Round Sealed DOT LED Back­Up Lights
Patented GloLight technology offers a distinctive appearance
Sonically sealed, waterproof
Certified for back­up light function when installed as pair in two­lamp system [SAE (2)R]
Available in bulk and polypack packaging
Lifetime LED Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
BUL101CB
BUL101CBP
21
Clear back­up light, recess mount, standard
2­pin connection
10
BUL101CKB
BUL101CKBP
21
DISCONTINUED (see BUL101CB, A45GB,
A45CB) ­ Kit: Clear back­up light, recess
mount, standard 2­pin connection, A45GB
grommet, A49PB pigtail
10
Accessories
Bulk
Polypack
Diodes
Description
Qty
A45GB
A45GBP
PVC grommet for 4" lights, flush mount, (Hole
cut­out: 4.5")
50
A45BB
A45BBP
Black plastic mounting flange for 4" lights
100
A45CGB
A45CGBP
Chrome­plated plastic trim ring for grommet
mount lights
20
A45CB
A45CBP
Straight 2­wire pigtail with two­pin PL­3 male
plug, 10”
100
A49PB
A49PBP
Right angle 2­wire pigtail with two­pin PL­3
male plug, 10”
100
Specifications
FMVSS:
(2)R
MATERIALS:
Polycarbonate lens and housing
VOLT/AMP:
12.8VDC ­ 0.425A
WT/DIMS:
.309 lbs. / 4.313” x 4.313” x 1.625” (Hole cut­out: 4.5")
WARRANTY:
Lifetime LED Warranty


Similar Part No. - BUL101CKB

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
BUL10136 HAMMOND-BUL10136 Datasheet
68Kb / 1P
ASSEMBLY INSTRUCTIONS FOR EN4SD, EN4TD, EN4SDSS, EN4DSC, ST, CN4SB, CN4ST & EN4DH
REV. G
More results

Similar Description - BUL101CKB

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L-00501DBK-S LIGITEK-L-00501DBK-S Datasheet
104Kb / 5P
LED BACK LIGHT (4 Inch)
L-00501DBK-S-LF LIGITEK-L-00501DBK-S-LF Datasheet
104Kb / 5P
LED BACK LIGHT (4 Inch)
L-00501HRF-S LIGITEK-L-00501HRF-S Datasheet
104Kb / 5P
LED BACK LIGHT (4 Inch)
L-00501VY-S LIGITEK-L-00501VY-S Datasheet
103Kb / 5P
LED BACK LIGHT (4 Inch)
logo
Dialight Corporation
46001CB DIALIGHT-46001CB Datasheet
127Kb / 2P
4' Round LED Back-up Lamps
logo
List of Unclassifed Man...
RL-S12P-20PB-R1 ETC2-RL-S12P-20PB-R1 Datasheet
373Kb / 2P
Blue LED indicator lights up when it is operating.
RL-S12V-24PK-R1 ETC2-RL-S12V-24PK-R1 Datasheet
213Kb / 2P
Blue LED indicator lights up when operating.
logo
OSRAM GmbH
ONYXL-7 OSRAM-ONYXL-7 Datasheet
111Kb / 3P
LED reading lights
logo
Banner Engineering Corp...
LEDRA70AP5-XQ BANNER-LEDRA70AP5-XQ Datasheet
312Kb / 6P
LED Series Sealed High-Intensity Area Lights
LEDXR90S BANNER-LEDXR90S Datasheet
153Kb / 3P
LEDxR90S Series Sealed Ring Lights
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com